Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0015 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA0015
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0015 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA0015 Datasheet HTML 1Page - RF Micro Devices RFDA0015 Datasheet HTML 2Page - RF Micro Devices RFDA0015 Datasheet HTML 3Page - RF Micro Devices RFDA0015 Datasheet HTML 4Page - RF Micro Devices RFDA0015 Datasheet HTML 5Page - RF Micro Devices RFDA0015 Datasheet HTML 6Page - RF Micro Devices RFDA0015 Datasheet HTML 7Page - RF Micro Devices RFDA0015 Datasheet HTML 8Page - RF Micro Devices RFDA0015 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RFDA0015
DS120817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC, VDD)5.5
V
Collector Current (IC)
115
mA
Power Dissipation
630
mW
Input RF Power
+20
dBm
Operating Temperature (TCASE)-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature (TJ)+150
°C
ESD Rating (HBM)
Class 1B
Moisture Sensitivity Level
MSL 3
Notes:
1. PDISS=VCC*IC-RF Output Power+RF Input Power
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency
50
850
MHz
Gain - 150MHz (Max Gain State)
18.7
dB
Attenuation=0dB, 150MHz
Gain - 850MHz (Max Gain State)
16.2
17.7
19.2
dB
Attenuation=0dB, 850MHz
Gain Control Range
31.5
dB
0.5dB LSB, 6 bits
Step Accuracy
±(0.1 +5% attenuation setting)
dB
Major state max error
Output IP3 - 150MHz
42
dBm
150MHz, POUT=0dBm/tone, 1MHz spacing
Output IP3 - 850MHz
33
35
dBm
850MHz, POUT=0dBm/tone, 1MHz spacing
Output P1dB
17
20
dBm
Attenuation=0dB
Input Return Loss
20
dB
150MHz
Output Return Loss
25
dB
150MHz
Noise Figure
4.7
dB
150MHz, Attenuation=0dB
tRISE, tFALL
200
ns
10/90% RF
Amplifier Supply Voltage (VCC)
4.75
5
5.25
V
Attenuator Supply Voltage (VDD)
3.3
5
5.25
V
Total Supply Current
80
90
100
mA
Sum of currents from VDD and VCC
Thermal Resistance
57
°C/W
Control Interface
6 Bit, Parallel
Control Voltages
Low, VCTL=0 to 0.8 VDC
High, VCTL=2.0 to VDD VDC
Notes:
1. All measurements based on the 50MHz to 850MHz Application Circuit, T=25°C
2. VCC=VDD=+5V, VCTL=0/5V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com