Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0016 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFDA0016
Description  DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0016 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFDA0016 Datasheet HTML 3Page - RF Micro Devices RFDA0016 Datasheet HTML 4Page - RF Micro Devices RFDA0016 Datasheet HTML 5Page - RF Micro Devices RFDA0016 Datasheet HTML 6Page - RF Micro Devices RFDA0016 Datasheet HTML 7Page - RF Micro Devices RFDA0016 Datasheet HTML 8Page - RF Micro Devices RFDA0016 Datasheet HTML 9Page - RF Micro Devices RFDA0016 Datasheet HTML 10Page - RF Micro Devices RFDA0016 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RFDA0016
DS100813
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
Evaluation Board Bill of Materials
 
Description
Reference
Designator
Manufacturer
Manufacturer's P/N
PCB
RFDA0016410(A)
RFDA0016SB
U1
RFMD
RFDA0016
CONN, SMA, END LNCH, FLT, 0.062"
J1, J2
Emerson
142-0701-821
CONN, HDR, ST, PLRZD, 2-PIN, 0.100"
P1
ITW Pancon
MPSS100-2-C
CONN, HDR, ST, PLRZD, 3-PIN, 0.100"
P2
ITW Pancon
MPSS100-3-C
CONN, HDR, ST, PLRZD, 4-PIN, 0.100"
P3
ITW Pancon
MPSS100-4-C
IND, 1200nH, 5%, W/W, 1008
L1, L2
Coilcraft
1008CS-122XJLC
CAP, 1000pF, 10%, 50V, X7R, 0402
C2, C3, C8, C9, C10
Murata
GRM155R71H102KA01E
CAP, 0.1uF, 10%, 16V, X7R, 0603
C1
Murata
GRM188R71C104KA01D
CAP, 0.1uF, 10%, 16V, X7R, 0402
C4, C7
Murata
GRM155R71C104KA88D
CAP, 4.7uF, 10%, 16V, X7R, 0805
C5,C6
Murata
GRM21BR71C475KA73L
RES, 1K, 5%, 1/16W, 0402
R4, R5, R6, R7
Panasonic
ERJ-2GEJ102
RES, 0 OHM, 0402
R1, R2, R3
Kamaya, Inc
RMC1/16SJPTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com