Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0016SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA0016SQ
Description  DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0016SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA0016SQ Datasheet HTML 1Page - RF Micro Devices RFDA0016SQ Datasheet HTML 2Page - RF Micro Devices RFDA0016SQ Datasheet HTML 3Page - RF Micro Devices RFDA0016SQ Datasheet HTML 4Page - RF Micro Devices RFDA0016SQ Datasheet HTML 5Page - RF Micro Devices RFDA0016SQ Datasheet HTML 6Page - RF Micro Devices RFDA0016SQ Datasheet HTML 7Page - RF Micro Devices RFDA0016SQ Datasheet HTML 8Page - RF Micro Devices RFDA0016SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RFDA0016
DS100813
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
+5.5
V
DC Supply Current
240
mA
Power Dissipation
1.2
W
Max Input RF Power
20
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature (TJ)
150
°C
ESD Rating (HBM)
Class 1C
Moisture Sensitivity Level
MSL 3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency Range
50
1000
MHz
Gain - 150MHz (Max Gain State)
38.5
dB
Attenuation=0dB, 150MHz
Gain - 500MHz (Max Gain State)
34.5
38.0
39.5
dB
Attenuation=0dB, 500MHz
Gain Control Range
31.5
dB
Step Accuracy
±(0.15 +5% attenuation setting)
dB
Major states, 500MHz
Output P1dB
19.7
dBm
Attenuation=0dB, 50MHz to 500MHz
Output IP3 - 150MHz
42
dBm
POUT=0dBm/tone, 1MHz spacing, 150MHz
Output IP3 - 500MHz
38
dBm
POUT=0dBm/tone, 1MHz spacing, 500MHz
Noise Figure
3.4
dB
Attenuation=0dB
Input Return Loss
20
dB
100MHz to 500MHz, slight degradation else-
where
Output Return Loss
20
dB
100MHz to 500MHz, slight degradation else-
where
Settling Time
250
ns
tRISE, tFALL (10%/90% RF)
Control Interface
6
bit
SPI interface
Impedance
50
Supply Voltage
4.75
5.00
5.25
V
Recommended Operating Voltage
Total Supply Current
160
175
210
mA
Sum of VDD, VCC_AMP1, VCC_AMP2 (RFOUT)
Thermal Resistance
54
°C/W
Notes:
1. VDD=5V, Logic Voltage=5V, T=25°C
2. Broadband Application Circuit
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com