Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF01VM2S Datasheet(PDF) 1 Page - Rohm

Part # RF01VM2S
Description  Super Fast Recovery Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF01VM2S Datasheet(HTML) 1 Page - Rohm

  RF01VM2S Datasheet HTML 1Page - Rohm RF01VM2S Datasheet HTML 2Page - Rohm RF01VM2S Datasheet HTML 3Page - Rohm RF01VM2S Datasheet HTML 4Page - Rohm RF01VM2S Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Super Fast Recovery Diode
RF01VM2S
lSerise
lDimensions (Unit : mm)
lLand Size Figure (Unit : mm)
Standard Fast Recovery
lApplications
General rectification
lFeatures
1) Small mold type (UMD2)
lStructure
2) High speed switching
lConstruction
lTaping Dimensions (Unit : mm)
Silicon epitaxial planar type
lAbsolute Maximum Ratings (T
a= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
IFM
mA
IFSM
A
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
lElectrical Characteristics (T
j = 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
-
1
1.2
V
Reverse current
IR
-
0.01
10
mA
Reverse recovery time
trr
-
10
50
ns
mA
IF=100mA
100
1
150
-55 to +150
VR=250V
Direct voltage
VR=6V, IF=10mA,RL=50W Irr=0.1×IR
Non-repetitive forward surge current
Parameter
Forward voltage
Conditions
60Hz half sin wave ,Non-repetitive at Tj=25°C
-
-
Repetitive peak forward current
-
Average current
Unit
250
Parameter
Conditions
Duty≦0.5
300
60Hz half sin wave , Resistive load
Symbol
Limits
250
Io
JEDEC : SOD-323
dot (year,week,day,factory)
ROHM : UMD2
UMD2
Cathode
Anode
0.9
0.30±0.05
0.10
1.25±0.10
(0~0.1)
+0.10
-0.05
0.70
+0.20
-0.10
f1.5
+0.1
-0
f1.0
+0.2
-0
1/4
2014.10 - Rev.A


Similar Part No. - RF01VM2S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF01VM2S ROHM-RF01VM2S Datasheet
872Kb / 7P
Super Fast Recovery Diode
RF01VM2SFH ROHM-RF01VM2SFH Datasheet
561Kb / 5P
Super Fast Recovery Diode
RF01VM2SFH ROHM-RF01VM2SFH Datasheet
872Kb / 7P
Super Fast Recovery Diode
RF01VM2SFH ROHM-RF01VM2SFH_16 Datasheet
872Kb / 7P
Super Fast Recovery Diode
RF01VM2S ROHM-RF01VM2S_15 Datasheet
872Kb / 7P
Super Fast Recovery Diode
More results

Similar Description - RF01VM2S

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
Super Fast Recovery Diode
RF2001NS3D ROHM-RF2001NS3D_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RF2L6STE25 ROHM-RF2L6STE25 Datasheet
358Kb / 4P
Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com