Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0026 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA0026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0026 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA0026 Datasheet HTML 1Page - RF Micro Devices RFDA0026 Datasheet HTML 2Page - RF Micro Devices RFDA0026 Datasheet HTML 3Page - RF Micro Devices RFDA0026 Datasheet HTML 4Page - RF Micro Devices RFDA0026 Datasheet HTML 5Page - RF Micro Devices RFDA0026 Datasheet HTML 6Page - RF Micro Devices RFDA0026 Datasheet HTML 7Page - RF Micro Devices RFDA0026 Datasheet HTML 8Page - RF Micro Devices RFDA0026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 of 13
RFDA0026
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical RF Performance at Key Operating Frequencies
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC, VDD)5.5
V
DC Supply Current
300
mA
Power Dissipation (PDISS)1500
mW
Max RF Input Power
12
dBm
Operating Temperature (TCASE)-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature (TJ)
170
°C
Human Body Model
1000 (Class 1C)
V
Moisture Sensitivity Level
MSL 3
Note: MTTF=1.7E6 hours at 170°C junction temperature.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temp=25°C, V
CC =VDD =5 V, standard applica-
tion circuit
Frequency Range
700
1035
MHz
Max Gain
32
dB
Attenuation = 0dB
Gain Control Range
31.5
dB
Step Accuracy
±(0.1 +5% attenuation setting)
dB
Major state error up to 1035MHz
P1dB
23.8
dBm
Attenuation = 0dB
Output IP3
40
dBm
POUT=5dBm/tone, 1MHz spacing
Control Interface
6
bit
SPI interface
Settling Time
250
ns
tON, tOFF (10%/90% RF)
Noise Figure
4.1
dB
Attenuation = 0dB
Impedance
50
Input Return Loss
-15
dB
Output Return Loss
-11
dB
Total Supply Voltage
4.75
5.0
5.25
V
Supply Current
192
mA
From VCC_SPI, VCC_AMP1 and VCC_AMP2
Thermal Resistance
46.2
°C/W
Junction to backside of device
Parameter
Unit
700MHz2
850MHz
900MHz
970MHz
1040MHz
Max Small Signal Gain
dB
34.1
33.4
33.2
33.0
32.5
Output P1dB
dBm
24.0
23.8
23.8
23.7
23.7
Output IP31
dBm
40.7
39.4
40.2
41.1
41.6
Input Return Loss
dB
-13.2
-15.7
-17.1
-18.6
-19.8
Output Return Loss
dB
-12
-10.1
-10.3
-10.2
-10.1
Noise Figure
dB
4.0
4.0
4.1
4.0
4.1
Notes:
1. OIP3 is tested at POUT=+5dBm/Tone and 1 MHz spacing
2. Based on 650MHz to 850MHz Application Circuit
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com