Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0047 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFDA0047
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0047 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFDA0047 Datasheet HTML 3Page - RF Micro Devices RFDA0047 Datasheet HTML 4Page - RF Micro Devices RFDA0047 Datasheet HTML 5Page - RF Micro Devices RFDA0047 Datasheet HTML 6Page - RF Micro Devices RFDA0047 Datasheet HTML 7Page - RF Micro Devices RFDA0047 Datasheet HTML 8Page - RF Micro Devices RFDA0047 Datasheet HTML 9Page - RF Micro Devices RFDA0047 Datasheet HTML 10Page - RF Micro Devices RFDA0047 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RFDA0047
DS140513
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
400MHz to 2700MHz Application Circuit
Evaluation Board Build of Materials (BOM)
400MHz to 2700MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer’s P/N
RFDAx0x7, PCB
DDI
RFDAx0x7410
RFDA0047SB
U1
RFMD
RFDA0047
RES, 0
, 0402
C14-C17, R5
Kamaya, Inc
RMC1/16SJPTH
CAP, 1000pF, 10%, 50V, X7R, 0402
C1-C3, C5-C6, C8-C10, C13
Murata Electronics
GRM155R71H102KA01E
CAP, 0.1
F, 10%, 16V, X7R, 0603
C4, C7, C11-C12
Murata Electronics
GRM188R71C104KA01D
FER, BEAD, 70
, 4A, 0603
L1-L5
Murata Electronics
BLM18SG700TN1D
RES, 1K, 5%, 1/16W, 0402
R1-R3
KOA Speer
RK73B1ETTP102J
CONN, SMA, END LNCH, RND PIN, 0.059"
J1-J4
Gigalane
PSF-S01-006
CONN, HDR, ST, PLRZD, 5-PIN, 0.100"
P1
ITW Pancon
MPSS100-5-C
DNP
R4, R6-R7, J5-J6, P2
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com