Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF05VAM2S Datasheet(PDF) 1 Page - Rohm

Part # RF05VAM2S
Description  Super Fast Recovery Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF05VAM2S Datasheet(HTML) 1 Page - Rohm

  RF05VAM2S Datasheet HTML 1Page - Rohm RF05VAM2S Datasheet HTML 2Page - Rohm RF05VAM2S Datasheet HTML 3Page - Rohm RF05VAM2S Datasheet HTML 4Page - Rohm RF05VAM2S Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Super Fast Recovery Diode
RF05VAM2S
lSerise
lDimensions (Unit : mm)
lLand size figure (Unit : mm)
Standard Fast Recovery
lApplication
High frequency rectification
lFeatures
1) Small mold type (TUMD2M)
lStructure
2) High speed switching
3) Low forward voltage
lTaping Dimensions (Unit : mm)
lConstruction
Silicon epitaxial planar type
lAbsolute maximum ratings (T
a= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
IFSM
A
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
lElectrical characteristics (T
j = 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
-
0.85
0.98
V
Reverse current
IR
-
0.01
10
mA
Reverse recovery time
trr
-
11
25
ns
Thermal resistance
Rth(j-l)
-
-
30
°C / W
Average current
Io
A
IF=0.5A
On glass epoxy substrate
60Hz half sin wave , Resistive load
0.5
200
6
150
-55 to +150
VR=200V
Direct voltage
IF=0.5A, IR=1A, Irr=0.25×IR
Junction to lead
Non-repetitive forward surge current
Parameter
Forward voltage
Conditions
60Hz half sin wave ,Non-repetitive at Tj=25°C
-
-
Symbol
Limits
Unit
200
Parameter
Conditions
Duty≦0.5
ROHM : TUMD2M
dot (year week factory) + day
TUMD2M
Cathode
Anode
1.1
1.3±0.05
0.8±0.05
0.6±0.2
    0.1
0.17±0.1
  
0.05
1.4±0.1
1/4
2014.09 - Rev.A


Similar Part No. - RF05VAM2S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF05VAM2S ROHM-RF05VAM2S Datasheet
535Kb / 8P
Super Fast Recovery Diode
RF05VAM2S ROHM-RF05VAM2S_15 Datasheet
535Kb / 8P
Super Fast Recovery Diode
More results

Similar Description - RF05VAM2S

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
Super Fast Recovery Diode
RF2001NS3D ROHM-RF2001NS3D_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RF2L6STE25 ROHM-RF2L6STE25 Datasheet
358Kb / 4P
Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com