Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0057 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA0057
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0057 Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA0057 Datasheet HTML 1Page - RF Micro Devices RFDA0057 Datasheet HTML 2Page - RF Micro Devices RFDA0057 Datasheet HTML 3Page - RF Micro Devices RFDA0057 Datasheet HTML 4Page - RF Micro Devices RFDA0057 Datasheet HTML 5Page - RF Micro Devices RFDA0057 Datasheet HTML 6Page - RF Micro Devices RFDA0057 Datasheet HTML 7Page - RF Micro Devices RFDA0057 Datasheet HTML 8Page - RF Micro Devices RFDA0057 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
SOI
RFDA0057
DIGITAL CONTROLLED VARIABLE GAIN
AMPLIFIER 400MHz TO 2700MHz
RFMD’s RFDA0057 is a dual-channel, digital controlled variable gain amplifier fea-
turing high linearity over the entire gain control range with noise figure less than
7dB in its maximum gain state. The gains of two 6-bit digital step attenuators are
programmed with a serial mode control interface (SPI). The RFDA0057 is packaged
in a small 7.0mm x 7.0mm leadless laminate MCM, which contains plated through
thermal vias for ultra-low thermal resistance. This module is easy to use with no
external matching components required.
Features
Dual Channel VGA
Frequency Range 400MHz to
2700MHz
Full Internal Matching and No
External Bias Inductors
Two 6-Bit Digital Step Attenu-
ators
12-Bit SPI Serial Control
Programming
High Channel Isolation =
50dBc
Max Gain = 18.5dB at
900MHz
Gain Control Range = 31.5dB
(0.5dB Step Size)
High OIP3/P1dB =
+37dBm/19dBm at 900MHz
Single + 5V Supply
Small 32-Pin, 7.0mm x
7.0mm, MCM
Power-up Programming
Applications
Cellular, 3G Infrastructure
WiBro, WiMAX, LTE
Microwave Radio
High Linearity Power Control
DS140513
Package: MCM 32-Pin, 7.0mm x 7.0mm
RFDA0057Dig-
ital Controlled
Variable Gain
RFDA0057SR
7” Sample reel with 100 pieces
RFDA0057SQ
Sample bag with 25 pieces
RFDA0057TR7
7” Reel with 750 pieces
RFDA0057TR13
13” Reel with 2500 pieces
RFDA0057PCK-410 400MHz to 2700MHz PCBA with 5-piece sample bag


Similar Part No. - RFDA0057

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0056 RFMD-RFDA0056 Datasheet
661Kb / 10P
Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA0056PCK-410 RFMD-RFDA0056PCK-410 Datasheet
661Kb / 10P
Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA0056R13 RFMD-RFDA0056R13 Datasheet
661Kb / 10P
Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA0056R7 RFMD-RFDA0056R7 Datasheet
661Kb / 10P
Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA0056SQ RFMD-RFDA0056SQ Datasheet
661Kb / 10P
Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
More results

Similar Description - RFDA0057

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0047 RFMD-RFDA0047 Datasheet
3Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFVA0016 RFMD-RFVA0016 Datasheet
1Mb / 19P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com