Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA0066 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFDA0066
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0066 Datasheet(HTML) 1 Page - RF Micro Devices

  RFDA0066 Datasheet HTML 1Page - RF Micro Devices RFDA0066 Datasheet HTML 2Page - RF Micro Devices RFDA0066 Datasheet HTML 3Page - RF Micro Devices RFDA0066 Datasheet HTML 4Page - RF Micro Devices RFDA0066 Datasheet HTML 5Page - RF Micro Devices RFDA0066 Datasheet HTML 6Page - RF Micro Devices RFDA0066 Datasheet HTML 7Page - RF Micro Devices RFDA0066 Datasheet HTML 8Page - RF Micro Devices RFDA0066 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 of 18
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2011, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RFDA0066
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
RFMD's RFDA0066 is a digital controlled variable gain amplifier featuring
high linearity over the entire gain control range with noise figure less than
3.5dB in its maximum gain state. The gain of dual 6-bit digital step attenu-
ator is programmed with a 12-bit Serial Peripheral Interface (SPI). The
RFDA0066 is packaged in a small 6.0mm x 6.0mm leadless laminate
MCM, which contains plated through thermal vias for ultra-low thermal
resistance. The module is easy to use with a few external DC blocks and
RF chokes.
Features
Frequency Range 5MHz to 1GHz
Dual 6-Bit Digital Step Attenuator
SPI Serial Control Programming
Max Gain=45dB at 100MHz
Gain Control Range=63dB
(0.5dB Step Size)
High OIP3/P1dB=+39/22dBm
+5V Supply for DSA and +8V for
Amplifier with Drop Resistor
Small 28-Pin, 6.0mmx6.0mm,
MCM
Power-up Programming
Applications
High Linearity Power Control
CATV Drivers
Transceiver IF DVA
Cellular, PCS, GSM, UMTS
Wireless Data, Satellite
Terminals
DS141218
Package Style: MCM 28-Pin, 6.0mmx6.0mm
RFDA0066Dig-
ital Controlled
Variable Gain
Amplifier
RFDA0066SR
7" Sample reel with 100 pieces
RFDA0066SQ
Sample bag with 25 pieces
RFDA0066TR7
7” Reel with 750 pieces
RFDA0066TR13
13” Reel with 2500 pieces
RFDA0066PCK-410
5MHz to 250MHz PCBA with 5-piece sample bag


Similar Part No. - RFDA0066

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015PCK-410 RFMD-RFDA0015PCK-410 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015SQ RFMD-RFDA0015SQ Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015SR RFMD-RFDA0015SR Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015TR13 RFMD-RFDA0015TR13 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA0066

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0056 RFMD-RFDA0056 Datasheet
661Kb / 10P
Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com