Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA2026 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFDA2026
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2026 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFDA2026 Datasheet HTML 8Page - RF Micro Devices RFDA2026 Datasheet HTML 9Page - RF Micro Devices RFDA2026 Datasheet HTML 10Page - RF Micro Devices RFDA2026 Datasheet HTML 11Page - RF Micro Devices RFDA2026 Datasheet HTML 12Page - RF Micro Devices RFDA2026 Datasheet HTML 13Page - RF Micro Devices RFDA2026 Datasheet HTML 14Page - RF Micro Devices RFDA2026 Datasheet HTML 15Page - RF Micro Devices RFDA2026 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13 of 16
RFDA2026
DS141020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
1400MHz to 2400MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
1400 MHz to 2400 MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer’s P/N
RFDA2026-410(B)
Viasystems
RFDA2026-410(B)
CAP, 1uF, 10%, 10V, X5R, 0402
C1, C6, C11
Murata Electronics
GRM155R61A105KE15D
DNP
C2-C5, C9-C10, C12
CAP, 68pF, 5%, 50V, C0G, 0402
C7-C8
Murata Electronics
GRM1555C1H680JZ01D
CONN, SMA, END LNCH, FLT, 0.062"
J1-J2
Emerson Network Power
142-0701-821
CONN, HDR, ST, PLRZD, 6-PIN, 0.100"
P1
AMP
640454-6
CONN, SKT, 24-PIN DIP, .600", T/H
P2
Aries Electronics, Inc.
24-6518-10
Res, 0.0, 1/16W, 5%, 0603
R1, R3, R5
Panasonic Industrial Co.
ERJ-3GSY0R00V
RES, 1K, 5%, 1/16W, 0603
R2
Panasonic Industrial Co.
ERJ-3GEYJ102
DNP
R4, R6
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4x0402
RN1
KOA Speer Electronics, Inc.
CN1E4KTTD102J
DUT
U1
RFMD
RFDA2026-410
C9
DNP
C10
DNP
C11
1uF
1
2
3
4
5
8
6
7
RN1
1000 ohm
R2
1K
J2
RFOUT
C8
68pF
C7
68pF
J1
RFIN
R1
0 ohm
1
2
3
4
5
6
P1
HDR_1X6
C1
1uF
C2
DNP
+
C3
DNP
+
C4
DNP
C5
DNP
C6
1uF
PUP
CLK
DATA
LE
VCC
VCC
VCC
VCC
LE
DATA
CLK
VCC
SPI_LE
1
SPI_DATA
2
SPI_CLK
3
PUP
4
GND
5
RFIN
6
GND
7
GND
15
RFOUT
16
GND
17
GND
18
GND
19
GND
20
GND
21
U1
RFDA2026
PUP
R3
0 ohm
R5
0 ohm
R4
DNP
C12
DNP
CB2
12
TXD
1
DTR#
2
RTS#
3
VIO
4
RXD
5
RI#
6
GND
7
DSR#
8
DCD#
9
CTS#
10
CB4
11
GND
24
SLD
13
USB
14
VCC
15
PU2
16
PU1
17
CB3
18
3V3
19
RST
20
VCC
21
CB1
22
CB0
23
P2
UM232R
PUP
CLK
DATA
LE
R6
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com