Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA3016 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA3016
Description  Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA3016 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA3016 Datasheet HTML 1Page - RF Micro Devices RFDA3016 Datasheet HTML 2Page - RF Micro Devices RFDA3016 Datasheet HTML 3Page - RF Micro Devices RFDA3016 Datasheet HTML 4Page - RF Micro Devices RFDA3016 Datasheet HTML 5Page - RF Micro Devices RFDA3016 Datasheet HTML 6Page - RF Micro Devices RFDA3016 Datasheet HTML 7Page - RF Micro Devices RFDA3016 Datasheet HTML 8Page - RF Micro Devices RFDA3016 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RFDA3016
DS121126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.5
VDC
DC Supply Current
1000
mA
Power Dissipation
5.5
W
Max RF Input Power for 50
 Output Load
+24
dBm
Operating Temperature (TCASE)-40 to +85
°C
Storage Temperature
-40 to +150
°C
Junction Temperature
+165*
°C
ESD Rating (HBM)
1000 (Class 1C)
V
Moisture Sensitivity Level
MSL3
*MTTF > 1E6 hours at 165°C junction temperature
Note: Operation of this device beyond any one of these limits may cause permanent damage.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temp = 25°C, VCC= VDD = 5V, standard application circuit
Frequency Range
3000
3800
MHz
Max Gain
38
dB
Attenuation = 0dB, at 3500MHz
Gain Control Range
31.5
dB
Step Accuracy
±(0.2 +15% attenuation setting)
dB
Major state error up to 3800MHz
P1dB
30.4
dBm
Attenuation = 0dB, at 3500MHz
Output IP3
34.6
40.5
dBm
POUT = 10dBm/Tone, 1MHz spacing at 3500MHz, mini-
mum value occurs at low temperature
Control Interface
6
bit
SPI Interface
Settling Time
250
ns
tON, tOFF (10%/90% RF)
Noise Figure
4.8
dB
Attenuation = 0dB, 3500MHz
Impedance
50
Input Return Loss
19
dB
At 3500MHz
Output Return Loss
11
dB
Total Supply Voltage
4.75
5.0
5.25
V
Supply Current
250
mA
From VCC (SPI), VCC (AMP1), and VCC (AMP2)
Thermal Resistance
30
°C/W
Junction to backside of device
Typical RF Performance at Key Operating Frequencies
Parameter
Unit 3000MHz 3300MHz 3400MHz 3500MHz 3600MHz 3700MHz 3800MHz
Max Small Signal Gain
dB
36.6
37.6
38.0
38.1
37.9
37.3
36.0
Output P1dB
dBm
31.5
31.4
31.0
30.4
30.0
29.4
28.6
Output IP3*
dBm
36.3
39.4
39.4
40.5
40.8
41.5
41.1
Input Return Loss
dB
15.8
19.8
19.7
19.8
21.1
23.0
22.2
Output Return Loss
dB
12.6
10.7
10.6
11.2
12.4
13.1
12.1
Noise Figure
dB
4.84.8
4.84.8
4.95.0
5.0
*Note: OIP3 is tested at POUT = 10dBm/Tone and 1MHz spacing
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com