Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPLC1V5 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPLC1V5
Description  LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPLC1V5 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPLC1V5 Datasheet HTML 1Page - Central Semiconductor Corp CMPLC1V5 Datasheet HTML 2Page - Central Semiconductor Corp CMPLC1V5 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMPLC1V5
CMPLC1V5D
SURFACE MOUNT SILICON
LOW CAPACITANCE
ESD TRANSIENT
DATA LINE PROTECTORS
DESCRIPTION:
CENTRAL SEMICONDUCTOR CMPLC1V5 (Single)
and CMPLC1V5D (Dual) types are low capacitance
silicon ESD Transient data line protectors packaged
in the SOT-23 surface mount package. These devices
provide protection to sensitive electronic devices
from spurious ESD voltage transients and feature the
lowest breakdown voltage available today making
them ideal for circuits operating as low as 1.2V and
1.5V DC. Typical applications include: high speed
data lines, mobile phones, PDA’s, microcontrollers,
microprocessor I/O interfaces, and LAN/WAN
equipment.
MARKING CODES:
CMPLC1V5 (SINGLE): CLV5
CMPLC1V5D (DUAL):
CV5D
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Reverse Stand-off Voltage
VRWM
1.5
V
Peak Pulse Power (8 x 20μs Waveform)
PPK
50
W
Peak Pulse Current (8 x 20μs Waveform)
IPP
5.0
A
ESD Voltage (IEC 61000-4-2, Air)
VESD
25
kV
ESD Voltage (IEC 61000-4-2, Contact)
VESD
25
kV
Operating Temperature
TJ
-50 to +125
°C
Storage Temperature
Tstg
-50 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VRWM=1.5V
1.0
μA
BVR
It=100μA
1.75
V
BVR
It=1.0mA
2.1
V
VC
IPP=1.0A, tp=8/20μs
4.0
V
VC
IPP=3.0A, tp=8/20μs
7.0
V
CJ
VR=0, f=1.0MHz
10
pF
SOT-23 CASE
R2 (2-April 2015)
www.centr a lsemi.com


Similar Part No. - CMPLC1V5

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
82Kb / 2P
SURFACE MOUNT LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTOR
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
329Kb / 2P
SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
CMPLC1V5D CENTRAL-CMPLC1V5D Datasheet
82Kb / 2P
SURFACE MOUNT LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTOR
CMPLC1V5D CENTRAL-CMPLC1V5D Datasheet
329Kb / 2P
SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
CMPLC1V5 CENTRAL-CMPLC1V5_10 Datasheet
329Kb / 2P
SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
More results

Similar Description - CMPLC1V5

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1219 CALMIRCO-CM1219 Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1248-08DE ONSEMI-CM1248-08DE Datasheet
284Kb / 6P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com