Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA4005SR Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFDA4005SR
Description  6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA4005SR Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFDA4005SR Datasheet HTML 7Page - RF Micro Devices RFDA4005SR Datasheet HTML 8Page - RF Micro Devices RFDA4005SR Datasheet HTML 9Page - RF Micro Devices RFDA4005SR Datasheet HTML 10Page - RF Micro Devices RFDA4005SR Datasheet HTML 11Page - RF Micro Devices RFDA4005SR Datasheet HTML 12Page - RF Micro Devices RFDA4005SR Datasheet HTML 13Page - RF Micro Devices RFDA4005SR Datasheet HTML 14Page - RF Micro Devices RFDA4005SR Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140902
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
13 of 15
RFDA4005
Pin Names and Descriptions
Pin
Name
Description
1
AMPIN
RF Amplifier Input
2
GND
RF/DC Ground Connection
3
GND
RF/DC Ground Connection
4
ATTOUT
Digital Attenuator Output
5
NC
NC Connection; leave open or ground
6
NC
NC Connection; leave open or ground
7
NC
NC Connection; leave open or ground
8
NC
NC Connection; leave open or ground
9
NC
NC Connection; leave open or ground
10
NC
NC Connection; leave open or ground
11
GND
RF/DC Ground Connection
12
ATTIN
Digital Attenuation Input
13
GND
RF/DC Ground Connection
14
NC
NC Connection; leave open or ground
15
PUP
Power-up Programming Pin
Low = Max attenuation setting at power up, -31.5dB
High = Min attenuation setting at power up, 0dB
16
NC
NC Connection; leave open or ground
17
VDD
Supply Voltage
18
NC
NC Connection; leave open or ground
19
NC
NC Connection; leave open or ground
20
NC
NC Connection; leave open or ground
21
NC
NC Connection; leave open or ground
22
NC
NC Connection; leave open or ground
23
NC
NC Connection; leave open or ground
24
NC
NC Connection; leave open or ground
25
CLK
Serial Clock
26
DATA
Serial Data
27
LE
Latch Enable
28
GND
RF/DC Ground Connection
29
AMPOUT
RF Amplifier Output
30
GND
RF/DC Ground Connection
31
GND
RF/DC Ground Connection
32
GND
RF/DC Ground Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com