Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESMD-C21 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ESMD-C21
Description  E-Series Surface Mount Mixer 1710 - 1880 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESMD-C21 Datasheet(HTML) 1 Page - Tyco Electronics

  ESMD-C21 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Series Surface Mount Mixer
1710 - 1880 MHz
ESMD-C21
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
Features
LO Power: +10 dBm
Up to +9 dBm RF
Surface Mount
Specifications @ 25°C
Frequency Range
RF
1710 - 1880 MHz
LO
1560 - 1655 MHz
IF
150 - 225 MHz
Conversion Loss (dB)
Typical
Maximum
1710 - 1880 MHz
6.5
8.0
Isolation (dB)
Typical
Minimum
LO to RF
1560 - 1655 MHz
25
18
LO to IF
1560 - 1655 MHz
30
20
Input IP
3
Typical
Minimum
+17 dBm
+15 dBm
VSWR
Typical
Maximum
LO
2.8:1
3.0:1
RF
1.8:1
2.0:1
IF
1.5:1
1.8:1
Operating Characteristics
Impedance
50 Ohms Nominal
RF input for 1dB Compression
+ 9 dBm
Ordering Information
Part No.
Packaging
ESMD-C21
Tube
ESMD-C21TR
Forward Tape & Reel
Absolute Maximum Ratings
SM-2
q
q
q
S 0516 F
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .x = ±0.04 (1.00)
.xx = ±0.02 (0.50)
.xxx = ±0.010 (0.250)
Pin Configuration
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Storage Temperature
-55°C to 100°C
Operating Temperature
-55°C to 100°C
Pin Temperature (10 Seconds)
260°C
Function
Pin No.
LO
2
RF
3
IF
1
Ground
4,5
* Pins must be connected together externally.


Similar Part No. - ESMD-C21

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESMD-C2 MACOM-ESMD-C2 Datasheet
63Kb / 1P
E-Series Surface Mount Mixer 20 - 1500 MHz
ESMD-C2HX2 MACOM-ESMD-C2HX2 Datasheet
82Kb / 2P
E - Series Surface Mount Mixer 890 - 915 MHz
ESMD-C2TR MACOM-ESMD-C2TR Datasheet
63Kb / 1P
E-Series Surface Mount Mixer 20 - 1500 MHz
More results

Similar Description - ESMD-C21

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMRS-1L MACOM-EMRS-1L Datasheet
131Kb / 2P
E-Series Surface Mount Mixer 0.5.500 MHz
EMRS-6X1 MACOM-EMRS-6X1 Datasheet
142Kb / 2P
E-Series Surface Mount Mixer 1805 - 1880 & 925 - 960 MHz
EMRS-6X1 MACOM-EMRS-6X1_1 Datasheet
49Kb / 2P
E-Series Surface Mount Mixer 925-960 MHz, 1805-1880 MHz, 1930-1990 MHz
MAMXES0118 MACOM-MAMXES0118 Datasheet
48Kb / 2P
E-Series Surface Mount Mixer 925 - 960 MHz & 1805 - 1880
logo
M/A-COM Technology Solu...
MAMX-007247-MRS5MH MA-COM-MAMX-007247-MRS5MH Datasheet
45Kb / 2P
E-Series Surface Mount Mixer 5 - 1500 MHz
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067 Datasheet
147Kb / 2P
E-Series Surface Mount Mixer 10 - 2000 MHz
MAMX-008782-ES0118 MA-COM-MAMX-008782-ES0118 Datasheet
86Kb / 3P
E-Series Surface Mount Mixer 925 - 960 MHz & 1805 - 1880
MAMX-008786-ES0120 MA-COM-MAMX-008786-ES0120 Datasheet
83Kb / 2P
E-Series Surface Mount Mixer 880 - 915 MHz
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP Datasheet
156Kb / 2P
E-Series Surface Mount Mixer 30-512 MHz
MAMXES0028 MA-COM-MAMXES0028 Datasheet
103Kb / 3P
E-Series Surface Mount Mixer 1 - 1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com