Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS89M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS89M
Description  SURFACE MOUNT 0.8 AMP SILICON SCR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS89M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS89M Datasheet HTML 1Page - Central Semiconductor Corp CS89M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS89M
CS89N
SURFACE MOUNT
0.8 AMP SILICON SCR
600 THRU 800 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS89M series
type is an Epoxy Molded Silicon Controlled Rectifier
designed for sensing circuit applications and control
systems.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CS89M
CS89N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
600
800
V
RMS On-State Current (TC=60°C)
IT(RMS)
0.8
A
Peak One Cycle Surge, t=10ms
ITSM
10
A
I2t Value for Fusing, t=10ms
I2t
0.24
A2s
Peak Gate Power, tp=10μs
PGM
2.0
W
Average Gate Power Dissipation
PG(AV)
0.1
W
Peak Gate Current, tp=10μs
IGM
1.0
A
Peak Gate Voltage, tp=10μs
VGM
8.0
V
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
Thermal Resistance
ΘJA
104
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ
1.0
μA
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ, TC=125°C
100
μA
IGT
VD=12V
20
200
μA
IH
RGK=1KΩ
0.25
5.0
mA
VGT
VD=12V
0.61
0.8
V
VTM
ITM=1.0A, tp=380μs
1.2
1.7
V
dv/dt
VD=2/3 VDRM, RGK=1KΩ, TC=125°C
25
V/μs
SOT-89 CASE
R1 (12-February 2010)
www.centra lsemi.com


Similar Part No. - CS89M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS89M CENTRAL-CS89M Datasheet
74Kb / 2P
0.8 AMP SCR 600 THRU 800 VOLTS
CS89M CENTRAL-CS89M Datasheet
290Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR 600 THRU 800 VOLTS
CS89M CENTRAL-CS89M_10 Datasheet
290Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR 600 THRU 800 VOLTS
More results

Similar Description - CS89M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5400 NTE-NTE5400 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
logo
Central Semiconductor C...
CS223M CENTRAL-CS223M Datasheet
130Kb / 2P
0.8 AMP SCR 600 VOLTS
CS89M CENTRAL-CS89M Datasheet
74Kb / 2P
0.8 AMP SCR 600 THRU 800 VOLTS
logo
UNIOHM CORPORATION
SGL34-20 UNIOHM-SGL34-20 Datasheet
63Kb / 2P
0.8 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Central Semiconductor C...
CBRHD-01 CENTRAL-CBRHD-01_10 Datasheet
651Kb / 2P
SURFACE MOUNT HIGH DENSITY 0.8 AMP SILICON BRIDGE RECTIFIER
CS89M CENTRAL-CS89M_10 Datasheet
290Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR 600 THRU 800 VOLTS
CS223M CENTRAL-CS223M_10 Datasheet
370Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR 600 VOLTS
logo
SeCoS Halbleitertechnol...
MD1S SECOS-MD1S_15 Datasheet
241Kb / 2P
0.8 Amp Surface Mount Bridge Rectifiers
logo
Central Semiconductor C...
CS223M CENTRAL-CS223M Datasheet
370Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR
logo
DIYI Electronic Technol...
G1A DYELEC-G1A Datasheet
1Mb / 2P
0.8 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com