Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC2071SQ Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFC2071SQ
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071SQ Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFFC2071SQ Datasheet HTML 5Page - RF Micro Devices RFFC2071SQ Datasheet HTML 6Page - RF Micro Devices RFFC2071SQ Datasheet HTML 7Page - RF Micro Devices RFFC2071SQ Datasheet HTML 8Page - RF Micro Devices RFFC2071SQ Datasheet HTML 9Page - RF Micro Devices RFFC2071SQ Datasheet HTML 10Page - RF Micro Devices RFFC2071SQ Datasheet HTML 11Page - RF Micro Devices RFFC2071SQ Datasheet HTML 12Page - RF Micro Devices RFFC2071SQ Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Multi-Slice Mode
The Multi-Slice mode of operation allows up to four chips to be controlled from a common serial bus. The device address pins
(15 and 16) ADD1 and ADD2 are used to set the address of each part.
On power up, and after a reset, the devices ignore the address pins ADD1 and ADD2 and any data presented to the serial bus
will be programmed into all the devices. However, once the ADDR bit in the SDI_CTRL register is set, each device then adopts
an address according to the state of the address pins on the device.
General Purpose Outputs
The general purpose outputs (GPOs) can be controlled via the GPO register and will depend on the state of MODE since they
can be set in different states corresponding to either mixer path 1 or 2. For example, the GPOs can be used to drive LEDs or to
control external circuitry such as switches or low power LNAs.
Each GPO pin can supply approximately 20mA load current. The output voltage of the GPO high state will drop with increased
current drive by approximately 25mV/mA. Similarly the output voltage of the GPO low state will rise with increased current,
again by approximately 25mV/mA.
External Modulation
The RFFC2071 and RFFC2072 fractional-N synthesizer can be used to modulate the frequency of the VCO. There are two dedi-
cated registers, EXT_MOD and FMOD, which can be used to configure the device as a modulator. It is possible to modulate the
VCO in two ways:
1.Binary FSK
The MODSETUP bits in the EXT_MOD register are set to 11. GPO3 is then configured as an input and used to control the signal
frequency. The frequency deviation is set by the MODSTEP and MODULATION bits in the EXT_MOD and FMOD registers respec-
tively.
The modulation frequency is calculated according to the following formula:
Where MODULATION is a 2's complement number and FPD is the phase detector frequency.
2.Continuous Modulation
The MODSETUP bits in the EXT_MOD register are set to 01. The frequency deviation is set by the MODSTEP and MODULATION
bits in the EXT_MOD and FMOD registers respectively. The VCO frequency is then changed by writing a new value into the MOD-
Slice2
(0)
Slice2
(1)
Slice2
(2)
Slice2
(3)
A1 A2
ENX
SDATA
SCLK
Vdd
Vdd
Vdd
Vdd
A1 A2
A1 A2
A1 A2
FMOD
2
MODSTEP F
PD
MODULATION
 2
16

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com