Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS92M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS92M
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS92M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS92M Datasheet HTML 1Page - Central Semiconductor Corp CS92M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS92B
CS92D
CS92M
CS92N
SILICON CONTROLLED RECTIFIER
0.8 AMP, 200 THRU 800 VOLTS
TO-92 CASE
Central
Semiconductor Corp.
TM
R3 (22-April 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS92B
series type is an epoxy molded Silicon Controlled
Rectifier designed for sensing circuit applications
and control systems.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CS92B
CS92D
CS92M CS92N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
200
400
600
800
V
RMS On-State Current (TC=90°C)
IT(RMS)
0.8
A
Peak One Cycle Surge (t=10ms)
ITSM
10
A
I2t Value for Fusing (t=10ms)
I2t
0.24
A2s
Peak Gate Power (tp=10µs)
PGM
2.0
W
Average Gate Power Dissipation
PG (AV)
0.1
W
Peak Gate Current (tp=10µs)
IGM
1.0
A
Peak Gate Voltage (tp=10µs)
VGM
8.0
V
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
200
°C/W
Thermal Resistance
ΘJC
100
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ
1.0
µA
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ, TC=125°C
100
µA
IGT
VD=12V
200
µA
IH
IT=100mA, RGK=1KΩ
5.0
mA
VGT
VD=12V
0.8
V
VTM
ITM=1.0A, tp=380µs
1.7
V
dv/dt
VD=2/3 VDRM, RGK=1KΩ, TC=125°C
25
V/µs


Similar Part No. - CS92M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS92M CENTRAL-CS92M Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMP, 200 THRU 800 VOLTS
More results

Similar Description - CS92M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
SILICON CONTROLLED RECTIFIER
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
MCR1718 DIGITRON-MCR1718 Datasheet
118Kb / 2P
SILICON CONTROLLED RECTIFIER
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
SILICON CONTROLLED RECTIFIER
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com