Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSM-2-2-75 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ESSM-2-2-75
Description  E-Series 2-Way 0 Power Divider 5 - 1000 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESSM-2-2-75 Datasheet(HTML) 1 Page - Tyco Electronics

  ESSM-2-2-75 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Series 2-Way 0° Power Divider
5 - 1000 MHz
ESSM-2-2-75
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
SM-55
Pin Configuration
Function
Pin No.
Not Connected
5,2
Ground
1
Input
6
Port 1
4
Port 2
3
S 1157 A
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .x = ±0.04 (1.00)
.xx = ±0.02 (0.50)
.xxx = ±0.010 (0.250)
Features
2 Way
0°
Surface Mount
Specifications @ 25°C
Frequency Range
5 - 1000 MHz
Insertion Loss
Typical
Maximum
5 - 50 MHz
0.6 dB
1.2 dB
50 - 500 MHz
0.5 dB
0.9 dB
500 - 1000 MHz
0.8 dB
1.5 dB
Isolation
Typical
Minimum
5 - 50 MHz
33 dB
20 dB
50 - 500 MHz
30 dB
17 dB
500 - 1000 MHz
18 dB
11 dB
Amplitude Unbalance
Maximum
5 - 50 MHz
0.6 dB
50 - 500 MHz
0.5 dB
500 - 1000 MHz
0.5 dB
Phase Unbalance
Maximum
5 - 50 MHz
5°
50 - 500 MHz
3°
500 - 1000 MHz
6°
Return Loss
Typical
Minimum
I/P
30 dB
14 dB
O/P
20 dB
11 dB
Operating Characteristics
Impedance
75 Ohms Nominal
Ordering Information
Part No.
Packaging
ESSM-2-2-75
Tube
Absolute Maximum Ratings
Parameter
Absolute Maximum
Maximum Power Rating
1 Watt
Internal Load Dissipation
0.125 Watt
Pin Temp (10 sec)
260°C
Storage Temperature
-55°C to 100°C
q
q
q


Similar Part No. - ESSM-2-2-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESSM-2-16 MACOM-ESSM-2-16 Datasheet
148Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 500 MHz
logo
M/A-COM Technology Solu...
ESSM-2-16 MA-COM-ESSM-2-16 Datasheet
181Kb / 2P
E-Series 2-Way 0쨘 Power Divider
logo
Tyco Electronics
ESSM-2-6 MACOM-ESSM-2-6 Datasheet
199Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 900 MHz
logo
M/A-COM Technology Solu...
ESSM-2-6 MA-COM-ESSM-2-6 Datasheet
186Kb / 2P
E-Series 2-Way 0쨘 Power Divider 5 - 900 MHz
logo
Tyco Electronics
ESSM-2-7-75 MACOM-ESSM-2-7-75 Datasheet
45Kb / 1P
E-Series 2-Way 0 Power Divider 40 - 1000 MHz
More results

Similar Description - ESSM-2-2-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESJ-4-1-75 MACOM-ESJ-4-1-75 Datasheet
39Kb / 1P
E-Series 4-Way 0 Power Divider 5 - 1000 MHz
ESJ-4-2-75 MACOM-ESJ-4-2-75 Datasheet
188Kb / 2P
E-Series 4-Way 0 Power Divider 5 - 1000 MHz
ESML-2-1 MACOM-ESML-2-1 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 500 MHz
ESML-2-4 MACOM-ESML-2-4 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 10 - 1000 MHz
ESML-2-7 MACOM-ESML-2-7 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 750 MHz
ESSM-2-7-75 MACOM-ESSM-2-7-75 Datasheet
45Kb / 1P
E-Series 2-Way 0 Power Divider 40 - 1000 MHz
ESSM-2-8-75 MACOM-ESSM-2-8-75 Datasheet
175Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-10-75 MACOM-ESSMJ-2-10-75 Datasheet
37Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-12-75 MACOM-ESSMJ-2-12-75 Datasheet
159Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
ESJ-4-2-75 MA-COM-ESJ-4-2-75 Datasheet
188Kb / 2P
E-Series 4-Way 0� Power Divider 5 -1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com