Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSM-2-8-75 Datasheet(PDF) 2 Page - Tyco Electronics

Part # ESSM-2-8-75
Description  E-Series 2-Way 0 Power Divider 5 - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESSM-2-8-75 Datasheet(HTML) 2 Page - Tyco Electronics

  ESSM-2-8-75 Datasheet HTML 1Page - Tyco Electronics ESSM-2-8-75 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S 1206 D
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 4.0
4
E-Series 2-Way 0
o Power Divider , 5 - 1000 MHz
ESSM-2-8-75
Parameter
Absolute Maximum
RF Power
1 Watt
Internal Load Dissipation
0.125 Watt
Pin Temp (10 Sec)
260°C
Storage Temperature
-20°C to 85°C
Operating Temperature
-20°C to 85°C
Absolute Maximum Ratings
Functional Configuration
Function
Pin No.
Not Connected
5,2
External 75 Ohms
—
Ground
1
Case Ground
—
Input
6
Port 1
4
Port 2
3
Typical Performance @ +25°C
Amplitude Unbalance
-40.00
-32.00
-24.00
-16.00
-8.00
0.00
5.00
204.00
403.00
602.00
801.00
1000.00
Frequency (MHz)
Input Return Loss
Insertion Loss
-1.60
-1.28
-0.96
-0.64
-0.32
0.00
5.00
204.00
403.00
602.00
801.00
1000.00
Frequency (MHz)
Isolation
-35.00
-28.00
-21.00
-14.00
-7.00
0.00
5.00
204.00
403.00
602.00
801.00
1000.00
Frequency (MHz)
-0.70
-0.56
-0.42
-0.28
-0.14
0.00
5.00
204.00
403.00
602.00
801.00
1000.00
Frequency (MHz)
Phase Unbalance
-1.00
0.00
1.00
2.00
3.00
4.00
5.00
204.00
403.00
602.00
801.00
1000.00
Frequency (MHz)
Output Return Loss
-60.00
-48.00
-36.00
-24.00
-12.00
0.00
5.00
204.00
403.00
602.00
801.00
1000.00
Frequency (MHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com