Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC2071ATR7 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFC2071ATR7
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071ATR7 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFC2071ATR7 Datasheet HTML 1Page - RF Micro Devices RFFC2071ATR7 Datasheet HTML 2Page - RF Micro Devices RFFC2071ATR7 Datasheet HTML 3Page - RF Micro Devices RFFC2071ATR7 Datasheet HTML 4Page - RF Micro Devices RFFC2071ATR7 Datasheet HTML 5Page - RF Micro Devices RFFC2071ATR7 Datasheet HTML 6Page - RF Micro Devices RFFC2071ATR7 Datasheet HTML 7Page - RF Micro Devices RFFC2071ATR7 Datasheet HTML 8Page - RF Micro Devices RFFC2071ATR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
BiFET HBT
LDMOS
Synth
Phase
det.
Ref.
divider
RFFC2071A
Synth
Phase
det.
Ref.
divider
RFFC2072A
RFFC2071A/2A
2.7GHz RF SYNTHESIZER/VCO WITH
INTEGRATED RF MIXER
The RFFC2071A and RFFC2072A are re-configurable frequency conversion devices
with integrated fractional-N phased locked loop (PLL) synthesizer, voltage controlled
oscillator (VCO) and either one or two high linearity mixers. The fractional-N synthe-
sizer takes advantage of an advanced sigma-delta modulator that delivers ultra-fine
step sizes and low spurious products. The VCO features temperature compensation
circuits that deliver stable performance across the operating temperature range of
-40°C to +85°C. The PLL/VCO engine combined with an external loop filter allows
the user to generate local oscillator (LO) signals from 85MHz to 2700MHz. The LO
signal is buffered and routed to the integrated RF mixers which are used to
up/down-convert frequencies ranging from 30MHz to 2700MHz. The mixer bias cur-
rent is programmable and can be reduced for applications requiring lower power
consumption. Both devices can be configured to work as signal sources by bypass-
ing the integrated mixers. Device programming is achieved via a simple 3-wire serial
interface. In addition, a unique programming mode allows up to four devices to be
controlled from a common serial bus. This eliminates the need for separate chip-
select control lines between each device and the host controller. Up to six general
purpose outputs are provided, which can be used to access internal signals (the
LOCK signal, for example) or to control front end components. Both devices operate
with a 2.7V to 3.3V power supply.
Features
85MHz to 2700MHz LO
Frequency Range
Fractional-N Synthesizer with
Very Low Spurious Levels
Typical Step Size 1.5Hz
Fully Integrated Low Phase Noise
VCO and LO Buffers
Integrated Phase Noise
0.18°rms at 1GHz
High Linearity RF Mixer(s)
30MHz to 2700MHz Mixer
Frequency Range
Input IP3 +23dBm
Mixer Bias Adjustable for Low
Power Operation
Full Duplex Mode (RFFC2071A)
2.7V to 3.3V Power Supply
Low Current Consumption
3- or 4-Wire Serial Interface
Applications
CATV Head-Ends
Digital TV Repeaters
Multi-Dwelling Units
Diversity Receivers
Software Defined Radios
Frequency Band Shifters
Point-to-Point Radios
Cellular Repeaters
WiMax/LTE Infrastructure
Cellular Jammers
Satellite Communications
VHF/UHF Radios
DS140110
Package: QFN, 32-Pin, 5mm x 5mm


Similar Part No. - RFFC2071ATR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
More results

Similar Description - RFFC2071ATR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RFFC5061 RFMD-RFFC5061 Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC2071 RFMD-RFFC2071 Datasheet
1Mb / 23P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RFFC5071A RFMD-RFFC5071A Datasheet
2Mb / 26P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RFFC5071 QORVO-RFFC5071 Datasheet
3Mb / 26P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5061 QORVO-RFFC5061 Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
RFFC506X QORVO-RFFC506X Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com