Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSM-3-3-75 Datasheet(PDF) 2 Page - Tyco Electronics

Part # ESSM-3-3-75
Description  E-Series 3-Way 0 Power Divider 40 - 870 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESSM-3-3-75 Datasheet(HTML) 2 Page - Tyco Electronics

  ESSM-3-3-75 Datasheet HTML 1Page - Tyco Electronics ESSM-3-3-75 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-Series 3 Way 0
o Power Divider — 40 - 870 MHz
ESSM-3-3-75
M/A-COM Division of AMP Incorporated
Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087
Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S 1283 E
Absolute Maximum Ratings
Parameter
Absolute Maximum
Maximum Power Rating
1 Watt
Internal Load Dissipation
0.125 Watt
Pin Temp (10 Sec)
260°C
Storage Temperature
-55°C to 100°C
Functional Configuration
Function
Pin No.
Not Connected
—
External 75 Ohms
—
Ground
2,3,6,7
Case Ground
—
Input
8
Port 1
1
Port 2
4
Port 3
5
Typical Performance @ +25°C
Input Return Loss
Output Return Loss
Insertion Loss
Isolation
-7.0
-6.8
-6.6
-6.4
-6.2
-6.0
-5.8
-5.6
-5.4
-5.2
-5.0
40.0
240.0
440.0
640.0
840.0
Frequency (MHz)
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
40.0
240.0
440.0
640.0
840.0
Frequency (MHz)
Phase Unbalance
Amplitude Unbalance
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
40.0
240.0
440.0
640.0
840.0
Frequency (MHz)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
40.0
240.0
440.0
640.0
840.0
Frequency (MHz)
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
40.0
240.0
440.0
640.0
840.0
Frequency (MHz)
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
40.0
240.0
440.0
640.0
840.0
Frequency (MHz)
40
240
440
640
870
40
240
440
640
870
40
240
440
640
870
40
240
440
640
870
40
240
440
640
870
40
240
440
640
870



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com