Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2JDF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # US2JDF
Description  2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US2JDF Datasheet(HTML) 3 Page - Diodes Incorporated

  US2JDF_15 Datasheet HTML 1Page - Diodes Incorporated US2JDF_15 Datasheet HTML 2Page - Diodes Incorporated US2JDF_15 Datasheet HTML 3Page - Diodes Incorporated US2JDF_15 Datasheet HTML 4Page - Diodes Incorporated US2JDF_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US2JDF
Document number: DS36878 Rev. 6 - 2
3 of 5
www.diodes.com
December 2014
© Diodes Incorporated
US2JDF
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Surge Current
8.3ms Single Half Sine-Wave
60
50
Figure 4 Typical Reverse Characteristics
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0 001
.
0 01
.
0 1
.
1
10
100
20
40
60
80
100
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 100°C
A
T = 125°C
A
T = 150°C
A
Figure 5 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
0
10
20
30
40
50
0
1
10
100
I
AVERAGE FORWARD CURRENT (A)
F(AV)
Figure 6 Forward Power Dissipation
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
Tj = 150°C
f=1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com