Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2JDF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # US2JDF
Description  2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US2JDF Datasheet(HTML) 2 Page - Diodes Incorporated

  US2JDF Datasheet HTML 1Page - Diodes Incorporated US2JDF Datasheet HTML 2Page - Diodes Incorporated US2JDF Datasheet HTML 3Page - Diodes Incorporated US2JDF Datasheet HTML 4Page - Diodes Incorporated US2JDF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US2JDF
Document number: DS36878 Rev. 6 - 2
2 of 5
www.diodes.com
December 2014
© Diodes Incorporated
US2JDF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
600
V
RMS Reverse Voltage
VR(RMS)
420
V
Average Rectified Output Current
@ TT = +75°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal
RθJT
22
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Minimum Reverse Breakdown Voltage (Note 5)
@IR = 5μA
V(BR)R
600
V
Maximum Forward Voltage Drop
@ IF = 1.0A
VF
1.7
V
Peak Reverse Current
@ TA = +25°C
at Rated DC Blocking Voltage (Note 5)
@ TA = +100°C
IR
5.0
100
μA
Maximum Reverse Recovery Time (Note 6)
trr
75
ns
Typical Total Capacitance (Note 7)
CT
10
pF
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 7.
7. Measured at f=1.0MHz and applied reverse voltage of 4.0V DC.
8. Device mounted on FR-4 substrate, 1in.*1in., 2oz, single-sided, PC boards with 0.1in.*0.15in. copper pads.
9. Device mounted on FR-4 substrate, 0.4in.*0.5in., 2oz, single-sided, PC boards with 0.2in.*0.25in. copper pads.
Figure 1 DC Forward Current Derating
T , AMBIENT TEMPERATURE (°C)
A
0
0.50
1
1.50
2
2.50
25
50
75
100
125
150
0
Note 8
Note 9
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Figure 2 Typical Forward Characteristics
0 01
.
0 1
.
1
10
100
0 5
.
1 0
.
1 5
.
2 0
.
2 5
.
3 0
.
T = 125°C
A
T = 150°C
A
T = 100°C
A
T = 25°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com