Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1508F-R1 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJG1508F-R1
Description  SPDT SWITCH GaAs MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1508F-R1 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJG1508F-R1 Datasheet HTML 3Page - New Japan Radio NJG1508F-R1 Datasheet HTML 4Page - New Japan Radio NJG1508F-R1 Datasheet HTML 5Page - New Japan Radio NJG1508F-R1 Datasheet HTML 6Page - New Japan Radio NJG1508F-R1 Datasheet HTML 7Page - New Japan Radio NJG1508F-R1 Datasheet HTML 8Page - New Japan Radio NJG1508F-R1 Datasheet HTML 9Page - New Japan Radio NJG1508F-R1 Datasheet HTML 10Page - New Japan Radio NJG1508F-R1 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
- 9-
NJG1508F
nAPPLICATION CIRCUIT 1: Single control signal operation by using C-MOS inverter.
[1]Please connect bypass capacitors to the supply terminals f the C-MOS inverter.
[2]In order to stabilize input impedance of inverter, please pull down using 510K
Ω
resister from the input terminal of the C-MOS inverter to the ground plane.
nAPPLICATION CIRCUIT 2: Single control signal operation by using a transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com