Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ASR Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFC5072ASR
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5072ASR Datasheet(HTML) 1 Page - RF Micro Devices

  RFFC5072ASR Datasheet HTML 1Page - RF Micro Devices RFFC5072ASR Datasheet HTML 2Page - RF Micro Devices RFFC5072ASR Datasheet HTML 3Page - RF Micro Devices RFFC5072ASR Datasheet HTML 4Page - RF Micro Devices RFFC5072ASR Datasheet HTML 5Page - RF Micro Devices RFFC5072ASR Datasheet HTML 6Page - RF Micro Devices RFFC5072ASR Datasheet HTML 7Page - RF Micro Devices RFFC5072ASR Datasheet HTML 8Page - RF Micro Devices RFFC5072ASR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1 of 26
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
BiFET HBT
LDMOS
Synth
Phase
det.
Ref.
divider
RFFC5071A
Synth
Phase
det.
Ref.
divider
RFFC5072A
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6GHz MIXER
The RFFC5071A and RFFC5072A are re-configurable frequency conversion devices
with integrated fractional-N phased locked loop (PLL) synthesizer, voltage con-
trolled oscillator (VCO) and either one or two high linearity mixers. The fractional-N
synthesizer takes advantage of an advanced sigma-delta modulator that delivers
ultra-fine step sizes and low spurious products. The VCO features temperature com-
pensation circuits that deliver stable performance across the operating tempera-
ture range of -40°C to +85°C. The PLL/VCO engine combined with an external loop
filter allows the user to generate local oscillator (LO) signals from 85MHz to
4200MHz. The LO signal is buffered and routed to the integrated RF mixers which
are used to up/down-convert frequencies ranging from 30MHz to 6000MHz. The
mixer bias current is programmable and can be reduced for applications requiring
lower power consumption. Both devices can be configured to work as signal
sources by bypassing the integrated mixers. Device programming is achieved via a
simple 3-wire serial interface. In addition, a unique programming mode allows up to
four devices to be controlled from a common serial bus. This eliminates the need
for separate chip-select control lines between each device and the host controller.
Up to six general purpose outputs are provided, which can be used to access inter-
nal signals (the LOCK signal, for example) or to control front end components. Both
devices operate with a 2.7V to 3.3V power supply.
Features
85MHz to 4200MHz LO
Frequency Range
Fractional-N Synthesizer with
Very Low Spurious Levels
Typical Step Size 1.5Hz
Fully Integrated Low Phase Noise
VCO and LO Buffers
Integrated Phase Noise
• 0.18° rms at 1GHz
• 0.52° rms at 3GHz
High Linearity RF Mixer(s)
30MHz to 6000MHz Mixer
Frequency Range
Input IP3 +23dBm
Mixer Bias Adjustable for Low
Power Operation
Full Duplex Mode (RFFC5071A)
2.7V to 3.3V Power Supply
Low Current Consumption
3- or 4-Wire Serial Interface
Applications
Wideband Radios
Distributed Antenna Systems
Diversity Receivers
Software Defined Radios
Frequency Band Shifters
Point-to-Point Radios
WiMax/LTE Infrastructure
Satellite Communications
Wideband Jammers
Remote Radio Heads
DS140110
Package: QFN, 32-Pin, 5mm x 5mm


Similar Part No. - RFFC5072ASR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFC5072ASR QORVO-RFFC5072ASR Datasheet
3Mb / 27P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
More results

Similar Description - RFFC5072ASR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
Wideband Synthesizer with Integrated VCO
REV. 0
logo
RF Micro Devices
RFFC5071 RFMD-RFFC5071 Datasheet
3Mb / 20P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
RFFC5061 RFMD-RFFC5061 Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Analog Devices
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
Wideband Synthesizer with Integrated VCO
1/2017-Rev. 0 to Rev. A
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
Wideband Synthesizer with Integrated VCO
5/16-Rev. A to Rev. B
logo
Qorvo, Inc
RFFC5071A QORVO-RFFC5071A Datasheet
3Mb / 27P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
RFFC5071 QORVO-RFFC5071 Datasheet
3Mb / 26P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5061 QORVO-RFFC5061 Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC506X QORVO-RFFC506X Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com