Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM4201 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFFM4201
Description  3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4201 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFFM4201 Datasheet HTML 6Page - RF Micro Devices RFFM4201 Datasheet HTML 7Page - RF Micro Devices RFFM4201 Datasheet HTML 8Page - RF Micro Devices RFFM4201 Datasheet HTML 9Page - RF Micro Devices RFFM4201 Datasheet HTML 10Page - RF Micro Devices RFFM4201 Datasheet HTML 11Page - RF Micro Devices RFFM4201 Datasheet HTML 12Page - RF Micro Devices RFFM4201 Datasheet HTML 13Page - RF Micro Devices RFFM4201 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 of 14
RFFM4201
DS121008
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
WiFi 802.11n HT20 MCS7 Performance Plots in 50% Duty Cycle
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
EVM (%) versus POUT (dBm)
-40°C
VCC = 5VDC VREG = 2.9VDC
2412MHz
2450MHz
2484MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
EVM (%) versus POUT (dBm)
25°C
VCC = 5VDC VREG = 2.9VDC
2412MHz
2450MHz
2484MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0246
8
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
EVM (%) versus POUT (dBm)
85°C
VCC = 5VDC VREG = 2.9VDC
2412MHz
2450MHz
2484MHz
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
ICC (A) versus POUT (dBm)
-40°C
VCC = 5VDC VREG = 2.9VDC
2412MHz
2450MHz
2484MHz
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0246
8
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
ICC (A) versus POUT (dBm)
25°C
VCC = 5VDC VREG = 2.9VDC
2412MHz
2450MHz
2484MHz
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
0
2468
10 12 14 16 18 20 22 24 26 28 30
Output Power (dBm)
ICC (A) versus POUT (dBm)
85°C
VCC = 5VDC VREG = 2.9VDC
2412MHz
2450MHz
2484MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com