Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM4204 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM4204
Description  WiFi 802.11b/g/n/ac Front End Module 2.4GHz to 2.5GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4204 Datasheet(HTML) 9 Page - RF Micro Devices

  RFFM4204 Datasheet HTML 1Page - RF Micro Devices RFFM4204 Datasheet HTML 2Page - RF Micro Devices RFFM4204 Datasheet HTML 3Page - RF Micro Devices RFFM4204 Datasheet HTML 4Page - RF Micro Devices RFFM4204 Datasheet HTML 5Page - RF Micro Devices RFFM4204 Datasheet HTML 6Page - RF Micro Devices RFFM4204 Datasheet HTML 7Page - RF Micro Devices RFFM4204 Datasheet HTML 8Page - RF Micro Devices RFFM4204 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141017
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 9
RFFM4204
Pin Description Table
Pin
Name
Description
1
VBIAS
Bias voltage for the PA. This pin should be tied to VCC
2
GND
Ground connection
3
GND
Ground connection
4
TX
RF Input Port for the PA. Input is matched to 50Ω and DC blocked internally.
5
GND
Ground connection
6
PA_EN
Control voltage for the PA and Tx switch. See truth table for proper settings.
7
NC
No Connect. Can be connected to GND or open.
8
NC
No Connect. Can be connected to GND or open.
9
PDET
Power detector voltage for transmit mode. PDET voltage varies with output power and may need external
decoupling for noise decoupling.
10
RX
RF Output Port for the LNA, Input is matched to 50Ω and DC blocked internally.
11
Vdd
Supply voltage for the LNA. See applications schematic for biasing and bypassing components.
12
LNA_EN
Control Voltage for the LNA. When this pin is set “LOW” LNA bypass switch is closed.
13
C_RX
Receive switch control pin. See switch truth table for proper level.
14
GND
Ground connection
15
ANT
RF bidirectional antenna
port matched to 50Ω and DC blocked internally.
16
GND
Ground connection
17
GND
Ground connection
18
C_TX
Transmit switch control pin. See switch truth table for proper level.
19
GND
Ground connection
20
GND
Ground connection
21
VCC3
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
22
VCC2
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
23
GND
Ground connection
24
VCC1
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
PKG Base
GND
Ground slug connection. The backside of the package should be connected directly to the reference ground
plane with as many ground vias as possible to minimize ground inductance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com