Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL05-0002-G-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # FL05-0002-G-RTR
Description  Low Cost SMT High Pass Filter 1700-3000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FL05-0002-G-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  FL05-0002-G-RTR Datasheet HTML 1Page - Tyco Electronics FL05-0002-G-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost SMT High Pass Filter 1700-3000MHz
FL05-0002-G
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
S1511A
V1.00
Features
• Small Size and Low Profile
• Industry Standard SOIC-8 SMT Plastic Package
• Superior Repeatability
• Typical Insertion Loss 0.5 dB
• Typical Rejection 20dB
• 2 Watt Power Handling
Description
M/A-COM’s FL05-0002-G is an IC-based monolithic high pass
filter in a low cost SOIC-8 plastic package. This filter is ideally
suited for applications where small size, low cost and low loss are
required.
Typical applications include base station switching networks and
portable phones where size and PCB real estate are at a premium.
Available in tape and reel.
The FL05-0002-G is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
Low Cost SMT High Pass Filter
1700-3000 MHz
FL05-0002-G
SO-8
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss:1700-3000MHz
dB
—
0.5
1.0
VSWR: 1700 - 3000 MHz
1.5:1
1.8:1
Rejection: DC-1000MHz
dB
15
20
—
1. All specifications apply with a 50-Ohm source and load impedance.
* If specific reel size is required, consult factory for part number
assignment.
Ordering Information
Part Number
Package
FL05-0002-G
SOIC 8-Lead Plastic Package
FL05-0002-G-TR
Forward Tape and Reel*
FL05-0002-G-RTR
Reverse Tape and Reel*


Similar Part No. - FL05-0002-G-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FL05-0002-G-RTR MACOM-FL05-0002-G-RTR Datasheet
203Kb / 3P
Low Cost SMT High Pass Filter 1700 - 3000 MHz
More results

Similar Description - FL05-0002-G-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FL05-0001-G MACOM-FL05-0001-G Datasheet
51Kb / 2P
Low Cost SMT High Pass Filter 800-3000 MHz
FL05-0001-G MACOM-FL05-0001-G_1 Datasheet
205Kb / 3P
Low Cost SMT High Pass Filter 800 - 3000 MHz
FL05-0002-G MACOM-FL05-0002-G_1 Datasheet
203Kb / 3P
Low Cost SMT High Pass Filter 1700 - 3000 MHz
FL07-0001-G MACOM-FL07-0001-G_1 Datasheet
206Kb / 3P
Low Cost SMT High Pass Filter DC - 1000 MHz
MAFLCC0004 MACOM-MAFLCC0004 Datasheet
211Kb / 4P
Low Cost SMT High Pass Filter 800 - 3000 MHz
MAFLCC0005 MACOM-MAFLCC0005 Datasheet
182Kb / 3P
Low Cost SMT High Pass Filter 1700 - 3000 MHz
logo
M/A-COM Technology Solu...
MAFLCC0004 MA-COM-MAFLCC0004 Datasheet
79Kb / 4P
Low Cost SMT High Pass Filter 800 - 3000 MHz
MAFLCC0005 MA-COM-MAFLCC0005 Datasheet
69Kb / 3P
Low Cost SMT High Pass Filter 1700 - 3000 MHz
FL05-0001-G MA-COM-FL05-0001-G Datasheet
79Kb / 4P
Low Cost SMT High Pass Filter 800 - 3000 MHz
FL05-0002-G MA-COM-FL05-0002-G Datasheet
69Kb / 3P
Low Cost SMT High Pass Filter 1700 - 3000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com