Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6201 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM6201
Description  2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6201 Datasheet(HTML) 9 Page - RF Micro Devices

  RFFM6201 Datasheet HTML 1Page - RF Micro Devices RFFM6201 Datasheet HTML 2Page - RF Micro Devices RFFM6201 Datasheet HTML 3Page - RF Micro Devices RFFM6201 Datasheet HTML 4Page - RF Micro Devices RFFM6201 Datasheet HTML 5Page - RF Micro Devices RFFM6201 Datasheet HTML 6Page - RF Micro Devices RFFM6201 Datasheet HTML 7Page - RF Micro Devices RFFM6201 Datasheet HTML 8Page - RF Micro Devices RFFM6201 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RFFM6201
DS130327
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RFFM6201 2.4 GHz Front End Module
5
10
15
20
25
30
0
5
10
15
20
25
Pout(dBm)
PA Gain(dB) Vs Pout(dBm)
Vcc = 3.3V, CE = 3.1V, C_Rx_Tx = 3.1V
Freq= 2442.5 MHz, Temp = - 40, 25 & 85 C
-40 °C
25 °C
85 °C
5
10
15
20
25
30
0
5
10
15
20
25
Pout(dBm)
PA Gain(dB) Vs Pout(dBm)
Vcc = 3.3V, CE = 3.1V, C_Rx_Tx = 3.1V
Freq= 2405, 2442.5 & 2480 MHz, Temp = 25 C
2405 MHz
2442.5 MHz
2480 MHz
-30
-25
-20
-15
-10
-5
0
5
0
5
10
15
20
25
Pout(dBm)
Pin(dBm) Vs Pout(dBm)
Vcc = 3.3V, C+ = 3.1V, C_Rx_Tx = 3.1V
Freq= 2442.5 MHz, Temp = -40, 25 & 85C
-40 °C
25 °C
85 °C
0
0.05
0.1
0.15
0.2
0.25
0
5
10
15
20
25
Po(dBm)
PA Operating Current(mA) Vs Output Power(dBm)
Vcc = 3.3V, CE = 3.1V, C_Rx_Tx = 3.1V
Freq= 2442.5 MHz, Temp = -40, 25 & 85 C
-40 °C
25 °C
85 °C
0
2
4
6
8
10
12
14
2400
2410
2420
2430
2440
2450
2460
2470
2480
F(MHz)
RX Gain(dB) Vs. Frequencey(MHz)
Vcc = 3.3V, CE = 3.1V, C_Rx_Tx = 0.2V
Temp = 25C
25 °C
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
2400
2410
2420
2430
2440
2450
2460
2470
2480
F(MHz)
RX Noise Figure(dB) Vs. Frequencey(MHz)
Vcc = 3.3V, CE = 3.1V, C_Rx_Tx = 0.2V
Temp = 25C
25 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com