Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL07-0001-G-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # FL07-0001-G-RTR
Description  Low Cost SMT Low Pass Filter DC - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FL07-0001-G-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  FL07-0001-G-RTR Datasheet HTML 1Page - Tyco Electronics FL07-0001-G-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost SMT Low Pass Filter DC-1000 MHz
FL07-0001-G
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
S1514A
V1.00
Features
• Small Size and Low Profile
• Industry Standard SOIC-8 SMT Plastic Package
• Superior Repeatability
• Typical Insertion Loss 0.5 dB
• Typical Rejection 20dB
• 2 Watt Power Handling
Description
M/A-COM’s FL07-0001-G is an IC-based monolithic low pass
filter in a low cost SOIC-8 plastic package. This filter is ideally
suited for applications where small size, low cost and low loss are
required.
Typical applications include base station switching networks and
portable phones where size and PCB real estate are at a premium.
Available in tape and reel.
The FL07-0001-G is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
Low Cost SMT Low Pass Filter
DC - 1000 MHz
FL07-0001-G
SO-8
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss: DC-1000MHz
dB
—
0.5
1.0
VSWR: DC-1000 MHz
1.3:1
1.6:1
Rejection: 1800-3500 MHz
2000-3000 MHz
dB
dB
15
20
20
27
1. All specifications apply with a 50-Ohm source and load impedance.
* If specific reel size is required, consult factory for part number
assignment.
Ordering Information
Part Number
Package
FL07-0001-G
SOIC 8-Lead Plastic Package
FL07-0001-G-TR
Forward Tape and Reel*
FL07-0001-G-RTR
Reverse Tape and Reel*


Similar Part No. - FL07-0001-G-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FL07-0001-G-RTR MACOM-FL07-0001-G-RTR Datasheet
206Kb / 3P
Low Cost SMT High Pass Filter DC - 1000 MHz
More results

Similar Description - FL07-0001-G-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FL07-0002-G MACOM-FL07-0002-G Datasheet
50Kb / 2P
Low Cost SMT Low Pass Filter DC - 2000 MHz
logo
Mini-Circuits
VLF-1000 MINI-VLF-1000 Datasheet
89Kb / 1P
Low Pass Filter DC to 1000 MHz
logo
Tyco Electronics
FL07-0001-G MACOM-FL07-0001-G_1 Datasheet
206Kb / 3P
Low Cost SMT High Pass Filter DC - 1000 MHz
FL07-0002-G MACOM-FL07-0002-G_1 Datasheet
206Kb / 3P
Low Cost SMT High Pass Filter DC - 2000 MHz
MAFLCC0006 MACOM-MAFLCC0006 Datasheet
187Kb / 3P
Low Cost SMT Low Pass Filter DC - 1000 MHz
MAFLCC0007 MACOM-MAFLCC0007 Datasheet
187Kb / 3P
Low Cost SMT Low Pass Filter DC - 2000 MHz
logo
M/A-COM Technology Solu...
MAFLCC0006 MA-COM-MAFLCC0006 Datasheet
67Kb / 3P
Low Cost SMT Low Pass Filter DC - 1000 MHz
MAFLCC0007 MA-COM-MAFLCC0007 Datasheet
70Kb / 3P
Low Cost SMT Low Pass Filter DC -2000 MHz
FL07-0001-G MA-COM-FL07-0001-G Datasheet
66Kb / 3P
Low Cost SMT Low Pass Filter DC - 1000 MHz
FL07-0002-G MA-COM-FL07-0002-G Datasheet
69Kb / 3P
Low Cost SMT Low Pass Filter DC - 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com