Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPP6028 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPP6028
Description  TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPP6028 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPP6028 Datasheet HTML 1Page - Central Semiconductor Corp CMPP6028 Datasheet HTML 2Page - Central Semiconductor Corp CMPP6028 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMPP6027
CMPP6028
SURFACE MOUNT SILICON
PROGRAMMABLE UNIJUNCTION
TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPP6027 and
CMPP6028 are silicon programmable unijunction
transistors, manufactured in a surface mount SOT-23
package, designed for adjustable (programmable)
characteristics such as, valley current (IV), peak current
(IP), and intrinsic standoff ratio (η).
MARKING CODES: CMPP6027: P27
CMPP6028: P28
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Gate-Cathode Forward Voltage
VGKF
40
V
Gate-Cathode Reverse Voltage
VGKR
5.0
V
Gate-Anode Reverse Voltage
VGAR
40
V
Anode-Cathode Voltage
VAK
40
V
Peak Non-Repetitive Forward Current (t=10μs)
ITSM
5.0
A
Peak Repetitive Forward Current (t=20μs, D.C.=1.0%)
ITRM
2.0
A
Peak Repetitive Forward Current (t=100μs, D.C.=1.0%)
ITRM
1.0
A
DC Forward Anode Current
IT
150
mA
DC Gate Current
IG
50
mA
Power Dissipation (Note 1)
PD
167
mW
Storage Temperature
Tstg
-55 to +150
°C
Operating Junction Temperature
TJ
-50 to +100
°C
Thermal Resistance (Note 1)
ΘJA
450
°C/W
Note 1: Mounted on 2 inch square FR-4 PCB with minimum copper pad area.
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPP6027
CMPP6028
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
UNITS
IGAO
VS=40V
10
10
nA
IGKS
VS=40V
50
50
nA
IP
VS=10V, RG=1.0M
2.0
0.15
μA
IP
VS=10V, RG=10k
5.0
1.0
μA
IV
VS=10V, RG=1.0M
50
25
μA
IV
VS=10V, RG=10k
70
25
μA
IV
VS=10V, RG=200
1.5
1.0
mA
VT
VS=10V, RG=1.0M
0.2
1.6
0.2
0.6
V
VT
VS=10V, RG=10k
0.2
0.6
0.2
0.6
V
VF
IF=50mA
1.5
1.5
V
VO
VB=20V, CC=0.2μF
6.0
6.0
V
tr
VB=20V, CC=0.2μF
80
80
ns
SOT-23 CASE
R4 (24-June 2015)
www.centr a lsemi.com


Similar Part No. - CMPP6028

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPP6028 CENTRAL-CMPP6028 Datasheet
82Kb / 2P
SURFACE MOUNT PROGRAMMABLE UNIJUNCTION SILICON TRANSISTOR
CMPP6028 CENTRAL-CMPP6028 Datasheet
334Kb / 2P
SURFACE MOUNT SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
CMPP6028R CENTRAL-CMPP6028R Datasheet
290Kb / 3P
TRANSISTORS
More results

Similar Description - CMPP6028

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9530 IRF-IRF9530 Datasheet
449Kb / 6P
TRANSISTORS
logo
List of Unclassifed Man...
2SC9016 ETC-2SC9016 Datasheet
81Kb / 2P
Transistors
P2222A ETC-P2222A Datasheet
49Kb / 1P
Transistors
2SA1633 ETC-2SA1633 Datasheet
69Kb / 1P
TRANSISTORS
logo
Rohm
2SA1199 ROHM-2SA1199 Datasheet
118Kb / 3P
TRANSISTORS
2SD2398 ROHM-2SD2398 Datasheet
70Kb / 1P
Transistors
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
logo
Central Semiconductor C...
CMPP6027R CENTRAL-CMPP6027R_15 Datasheet
290Kb / 3P
TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3816 NJSEMI-2N3816 Datasheet
83Kb / 1P
Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com