Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6901SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM6901SB
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901SB Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM6901SB Datasheet HTML 1Page - RF Micro Devices RFFM6901SB Datasheet HTML 2Page - RF Micro Devices RFFM6901SB Datasheet HTML 3Page - RF Micro Devices RFFM6901SB Datasheet HTML 4Page - RF Micro Devices RFFM6901SB Datasheet HTML 5Page - RF Micro Devices RFFM6901SB Datasheet HTML 6Page - RF Micro Devices RFFM6901SB Datasheet HTML 7Page - RF Micro Devices RFFM6901SB Datasheet HTML 8Page - RF Micro Devices RFFM6901SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage
5.25
VDC
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
-40 to +85
°C
Maximum Input Power to PA, pin 30, 2 (no damage)
+5
dBm
Maximum Input Power to PA, pin 26(no damage)
+23
dBm
Maximum Input Power to LNA, pin 19, 21 (no
damage)
+10
dBm
Moisture Sensitivity Level
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Active Frequency
868
902 to
928
MHz
PA and LNA
RF Port Impedance
50
ESD, Human Body Model
500
V
RF Pins
500
V
All Other Pins
ESD, Charge Device Model
500
V
RF Pins
500
V
All Other Pins
PA Section
Transmit Mode 4V (High Voltage)
TXRX_SEL Logic = LOW, PIN = 0dBm at pin 30,
VCC DIG and Logic signals may be applied in
any order
Power Supply Operation Voltage-High
3.8
4
4.2
V
PA VCC
Input Power
0
5
dBm
Pin 30
CW Output Power-near saturation (ANT1) at
4.0V
31
31.5
dBm
CW Output Power-near saturation (ANT2) at
4.0V
31
31.5
dBm
Output Power (ANT1) at 4.0V
30
30.5
dBm
Output Power (ANT2) at 4.0V
30
30.5
dBm
Thermal Resistance
39.83
C°/W
VCC = VDIG = 4.0V, LNAVCC = GND, CTL1 =
CTL4 = CTL5 = 3.8V, CTL2 = CTL3 = 0V, POUT
= 30.1dBm, Modulation = CW, Freq =
902MHz, DC = 100%, T = 85°C
1W Current (ANT1) at 4.0V at POUT = 30dBm
600
700
mA
1W Current (ANT2) at 4.0V at POUT = 30dBm
600
700
mA
1/2W Current (ANT1) at 4.0V at POUT =
27dBm
415
450
490
mA
1/2W Current (ANT2) at 4.0V at POUT =
27dBm
415
450
490
mA
1/4W Current (ANT1) at 4.0V at POUT =
24dBm
310
340
370
mA
1/4W Current (ANT2) at 4.0V at POUT =
24dBm
310
340
370
mA
Large Signal Gain Overall High Bias (ANT1)
at 4.0V
27
30
33
dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com