Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMF03V3C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSMF03V3C
Description  SURFACE MOUNT SILICON 5-LINE TVS ZENER ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSMF03V3C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSMF03V3C Datasheet HTML 1Page - Central Semiconductor Corp CSMF03V3C Datasheet HTML 2Page - Central Semiconductor Corp CSMF03V3C Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CSMF03V3C CSMF15C
CSMF05C
CSMF24C
CSMF12C
SURFACE MOUNT SILICON
5-LINE TVS/ZENER ARRAY
3.3 VOLT THRU 24 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSMF03V3C Series
is a 5 Line TVS/Zener Array packaged in an SOT-363
surface mount case. These devices are designed to
protect sensitive electronic equipment, such as
computers, networking communication, cell phones and
instrumentation from over-voltage transients and ESD
damage. Available in voltages ranging from 3.3V to 24V.
SOT-363 CASE
MARKING CODES:
CSMF03V3C: CF03
CSMF15C: CF15
CSMF05C:
CF05
CSMF24C: CF24
CSMF12C:
CF12
FEATURES:
• Very low clamping voltage
• Low leakage current
• 100W power dissipation
• SMD SOT-363 package
APPLICATIONS:
• Hand held portable equipment
• Networks, servers and telecom
• Desktop and notebook computers
• Instrumentation
TYPE
Maximum
Reverse
Stand-Off
Voltage
VRWM
Minimum
Reverse
Breakdown
Voltage
VBR @ IBR
Maximum
Reverse
Leakage
Current
IR @ VR
Maximum
Clamping
Voltage
8x20μs
Vcl @ IPP
Maximum
Clamping
Voltage
8x20μs
Vcl @ IPP
Maximum
Off State
Junction
Capacitance
(VR=0, f=1.0MHz)
CJ
V
V
mA
μA
V
VAVA
pF
CSMF03V3C
3.3
4.7
10
250
3.3
7.5
5.0
9.0
9.0
160
CSMF05C
5.0
6.2
1.0
0.5
5.0
10
5.0
11
9.0
100
CSMF12C
12
13.3
1.0
0.5
12
18
3.0
20
5.0
50
CSMF15C
15
16.6
1.0
0.5
15
23
3.0
25
4.0
40
CSMF24C
24
26.7
1.0
0.5
24
35
1.0
45
2.0
30
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Pulse Power (8x20μs)
Ppp
100
W
ESD Voltage (IEC 61000-4-2, Air)
VESD
20
kV
ESD Voltage (IEC 61000-4-2, Contact)
VESD
15
kV
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
R4 (6-April 2015)
www.centr a lsemi.com


Similar Part No. - CSMF03V3C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSMF03V3C CENTRAL-CSMF03V3C Datasheet
101Kb / 2P
SURFACE MOUNT 5-LINE SILICON TVS/ZENER ARRAY 3.3 VOLTS THRU 36 VOLTS
More results

Similar Description - CSMF03V3C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSMF03V3C CENTRAL-CSMF03V3C Datasheet
101Kb / 2P
SURFACE MOUNT 5-LINE SILICON TVS/ZENER ARRAY 3.3 VOLTS THRU 36 VOLTS
CSMS05 CENTRAL-CSMS05 Datasheet
76Kb / 2P
SURFACE MOUNT QUAD SILICON TVS/ZENER ARRAY 5 THRU 24 VOLTS
logo
Weitron Technology
ESDA6V1-5P6 WEITRON-ESDA6V1-5P6 Datasheet
840Kb / 7P
5-Line TVS Array
logo
Sirectifier Global Corp...
L055AT56 SIRECT-L055AT56 Datasheet
341Kb / 3P
50W 5-Line Array Surface Mount TVS Diodes
N055AT56 SIRECT-N055AT56 Datasheet
341Kb / 3P
50W 5-Line Array Surface Mount TVS Diodes
logo
Central Semiconductor C...
CMXTVS5V6 CENTRAL-CMXTVS5V6 Datasheet
416Kb / 3P
SURFACE MOUNT SILICON QUAD TVS/ZENER ARRAY
logo
Applied Power Microelec...
ASMF05C APMICRO-ASMF05C Datasheet
483Kb / 4P
5-Line TVS Array
logo
TECH PUBLIC Electronics...
SMF05C TECHPUBLIC-SMF05C Datasheet
1Mb / 4P
5-Line TVS Array
TPE05F5C6 TECHPUBLIC-TPE05F5C6 Datasheet
1Mb / 4P
5-Line TVS Array
TPSMF05CT1G TECHPUBLIC-TPSMF05CT1G Datasheet
1Mb / 4P
5-Line TVS Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com