Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6909 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM6909
Description  925MHz Transmit/Receive Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6909 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM6909 Datasheet HTML 1Page - RF Micro Devices RFFM6909 Datasheet HTML 2Page - RF Micro Devices RFFM6909 Datasheet HTML 3Page - RF Micro Devices RFFM6909 Datasheet HTML 4Page - RF Micro Devices RFFM6909 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140905
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 5
RFFM6909
Absolute Maximum Ratings
Parameter
Rating
Unit
Battery Voltage
5.5
V
Operating Temperature
-40 to 85
°C
Storage Temperature
-40 to 150
°C
ESD, HBM (all pins)
1000
V
ESD, CDM (all pins)
1000
V
MSL
MSL 3
Maximum Input Power to TX Port
+25
dBm
Maximum Input Power to ANT1/ANT2 Switch
+20
dBm
Maximum Input Power to BAL_IN
+10
dBm
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Frequency
922
925
929
MHz
RF Port Impedance
50
Ω
Single-ended
75
Ω
Balanced; RX_P and RX_N
Operating Temperature
-40
85
°C
Storage Temperature
-40
150
°C
Total Leakage Current
1
10
µA
RX Section
VCC = 3.6V, C_TX = 0V, C_RX = 3.4V, Temperature = 25°C;
Unless otherwise specified.
Battery Voltage
3.3
3.6
4.0
V
VCC
RX Gain
12
14
16
dB
Noise Figure
1.5
2
dB
Input IP3
1
dBm
Input Return Loss
7
10
dB
Output Return Loss
10
15
dB
LNA Current
6
8
12
mA
Over all conditions
VCC RX Quiescent Current
9
mA
Amplitude Imbalance
-0.6
+0.6
dB
BAL_IN to RX_N/RX_P
Phase Imbalance
-10
+10
Deg
Antenna Switch Section
Isolation
25
dB
Any used port to any unused port
TX Insertion Loss
0.7
1.2
dB
Pins 2, 4 to Pins 13
RX Insertion Loss
1.0
1.5
dB
Pins 2, 4 to Pins 17
Logic Voltage, High
3.1
3.4
3.8
V
All Logic I/Os, VBAT -0.2V
Logic Voltage, Low
0.0
0.2
V
All Logic I/Os
Logic Current, High
5
10
µA
Logic Current, Low
0.4
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com