Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM8205 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM8205
Description  2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8205 Datasheet(HTML) 9 Page - RF Micro Devices

  RFFM8205 Datasheet HTML 1Page - RF Micro Devices RFFM8205 Datasheet HTML 2Page - RF Micro Devices RFFM8205 Datasheet HTML 3Page - RF Micro Devices RFFM8205 Datasheet HTML 4Page - RF Micro Devices RFFM8205 Datasheet HTML 5Page - RF Micro Devices RFFM8205 Datasheet HTML 6Page - RF Micro Devices RFFM8205 Datasheet HTML 7Page - RF Micro Devices RFFM8205 Datasheet HTML 8Page - RF Micro Devices RFFM8205 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130930
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 9
RFFM8205
Pin Names and Descriptions
Pin
Name
Description
1
PDET
Power detector voltage for the TX path. May need external series R/shunt C to adjust voltage level and to filter RF noise.
2
GND
This pin is not connected internally and can be left floating or connected to ground.
3
VCC
Supply voltage for the output stage of the PA. See applications schematic for biasing and bypassing components.
4
VCC
Supply voltage for the first stage of the PA. See applications schematic for biasing and bypassing components.
5
TX
RF input port for the 802.11b/g/n PA. Input is matched to 50
Ω. This pin is DC blocked internally.
6
PA_EN
Bias voltage for the PA. This pin also controls the TX switch of the SP3T. See truth table for proper settings.
7
GND
This pin is not connected internally and can be left floating or connected to ground.
8
RX
RF output port for the 802.11b/g/n LNA. Port is matched to 50
Ω. This pin is DC blocked internally.
9
LNA_EN
Control voltage for the LNA. When this pin is set to a LOW logic state, the bypass mode is enabled.
10
VCC
Supply voltage for the LNA. See applications schematic for biasing and bypassing components.
11
BT
RF bidirectional port for Bluetooth®. Input is matched to 50
Ω. An external DC block is required.
12
GND
This pin is not connected internally and can be left floating or connected to ground.
13
C_BT
Bluetooth® switch control pin. See truth table for proper level.
14
C_RX
Receive switch control pin. See switch truth table for proper level.
15
GND
This pin is not connected internally and can be left floating or connected to ground.
16
ANT
RF bidirectional antenna port matched to 50
Ω. An external DC block is required.
Pkg Base
GND
Ground connection. The backside of the package should be connected to the ground plane through a short path, i.e., PCB
vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com