Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM8505 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8505
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8505 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8505 Datasheet HTML 1Page - RF Micro Devices RFFM8505 Datasheet HTML 2Page - RF Micro Devices RFFM8505 Datasheet HTML 3Page - RF Micro Devices RFFM8505 Datasheet HTML 4Page - RF Micro Devices RFFM8505 Datasheet HTML 5Page - RF Micro Devices RFFM8505 Datasheet HTML 6Page - RF Micro Devices RFFM8505 Datasheet HTML 7Page - RF Micro Devices RFFM8505 Datasheet HTML 8Page - RF Micro Devices RFFM8505 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131106
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFFM8505
4.9GHz to 5.85GHz 802.11a/n/ac WiFi
Front End Module
The RFFM8505 provides a complete integrated solution in a single front
end module (FEM) for WiFi 802.11a/n/ac systems. The ultra-small
factor and integrated matching minimizes layout area in the customer’s
application and greatly reduces the number of external components.
This simplifies the total front end solution by reducing the bill of
materials, system footprint, and manufacturing cost. The RFFM8505
integrates a 5 GHz power amplifier (PA), single pole double throw switch
(SP2T), LNA with bypass, and a power detector coupler for improved
accuracy. The device is provided in a 2.5mm x 2.5mm x 0.40mm, 16-
pin QFN package. This module meets or exceeds the RF front end
needs of IEEE 802.11a/n/ac WiFi RF systems
.
GND
VCC
GND
RX
3
1
VCC
VMODE
12
2
13
11
10
9
8
7
6
5
4
14
15
16
VCC
GND
Functional Block Diagram
Ordering Information
RFFM8505SB
Standard 5-piece sample bag
RFFM8505SQ
Standard 25-piece sample bag
RFFM8505SR
Standard 100-piece reel
RFFM8505TR7
Standard 2500-piece reel
RFFM8505PCK-410
Fully assembled evaluation board w/ 5-piece bag
Package: QFN, 16-pin,
2.5mm x 2.5mm x 0.40mm
Features
■ P
OUT=17.5dBm, 11ac, 80MHz
1.5% (-36.5dB) EVM
■ P
OUT=19.5dBm, 11n 20MHz
2.5% (-32dB) EVM
■ Input and Output Matched to 50Ω
■ Integrated 5GHz PA, SP2T Switch,
LNA, and PDET
■ Low Height Package, Suited for
SiP and CoB designs
■ Supports low power mode for
improved efficiency
Applications
■ Cellular Handsets
■ Mobile Devices
■ Tablets
■ Consumer Electronics
■ Gaming
■ Netbooks/Notebooks
■ TV/Monitors/Video
RFFM8505


Similar Part No. - RFFM8505

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QPCBA-410 RFMD-RFFM8500QPCBA-410 Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSQ RFMD-RFFM8500QSQ Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSR RFMD-RFFM8500QSR Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
More results

Similar Description - RFFM8505

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com