Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM8528 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM8528
Description  WiFi Front End Module 5180MHz to 5825MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8528 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM8528 Datasheet HTML 1Page - RF Micro Devices RFFM8528 Datasheet HTML 2Page - RF Micro Devices RFFM8528 Datasheet HTML 3Page - RF Micro Devices RFFM8528 Datasheet HTML 4Page - RF Micro Devices RFFM8528 Datasheet HTML 5Page - RF Micro Devices RFFM8528 Datasheet HTML 6Page - RF Micro Devices RFFM8528 Datasheet HTML 7Page - RF Micro Devices RFFM8528 Datasheet HTML 8Page - RF Micro Devices RFFM8528 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140731
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 10
RFFM8528
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (No RF Applied)
-0.5 to +6.0
VDC
PA Enable Voltage
-0.5 to 5
VDC
DC Supply Current
500
mA
Storage Temperature
-40 to +150
ºC
Maximum TX Input Power into 50Ω Load for 11a/n (No Damage)
+12
dBm
LNA On Maximum RX input power (No damage)
+12
dBm
Bypass Mode Maximum RX input power (No damage)
+25
dBm
Moisture Sensitivity
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
802.11a, 802.11n, 802.11ac
Operating Frequency
5.18
5.825
GHz
Extended Frequency
4.9
5.925
GHz
Functional with reduced performance
Operating Temperature
-20
25
+65
ºC
Extended Operating Temperature
-40
25
+85
ºC
Functional with reduced performance
Power Supply VCC
3.0
3.3
3.6
V
Extended VCC
3.0
4.2
V
Functional with reduced performance
Control Voltage-High
2.8
2.95
VCC
V
For PA_EN, LNA_EN, VMODE
Control Voltage-Low
0
0.2
V
For PA_EN, LNA_EN, VMODE
Transmit (TX-ANT) High Power
Mode
VCC=3.3V; PA_EN = High; LNA_EN = Low;
VMODE = Low; T=+25ºC; Unless otherwise noted
Small Signal Gain (5.18 to 5.85GHz)
28
dB
Gain Flatness Across the Band
-1
1
dB
Gain flatness Across Any 80MHz Channel
-0.5
0.5
dB
20MHz Output Power*
19
dBm
11n 20MHz Dynamic EVM
2.5
%
802.11n HT20 MCS7
-32
dB
80MHz Output Power*
17.5
dBm
11ac 80MHz Dynamic EVM
1.8
%
802.11ac VHT80 MCS9
-35
dB
TX Port Return Loss
12
18
dB
ANT Port Return Loss
14
20
dB
802.11a 6Mbps Operating Current
328
mA
POUT = +22dBm
20MHz 802.11n Operating Current
250
mA
POUT = +19dBm
80MHz 802.11ac Operating Current
225
mA
POUT = +17.5dBm
Second Harmonic
-33
dBm/MHz
Fundamental frequency is between 4900 and 5850MHz; RF
POUT = +22dBm. Measured in 1MHz resolution bandwidth
(FCC limit max = -30dBm)
Third Harmonic
-33
dBm/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com