Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM8550 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8550
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8550 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8550 Datasheet HTML 1Page - RF Micro Devices RFFM8550 Datasheet HTML 2Page - RF Micro Devices RFFM8550 Datasheet HTML 3Page - RF Micro Devices RFFM8550 Datasheet HTML 4Page - RF Micro Devices RFFM8550 Datasheet HTML 5Page - RF Micro Devices RFFM8550 Datasheet HTML 6Page - RF Micro Devices RFFM8550 Datasheet HTML 7Page - RF Micro Devices RFFM8550 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 8
RFFM8550
4.9GHz to 5.85GHz 802.11a/n/ac WiFi
Switch + LNA Module
The RFFM8550 provides a complete integrated switch + LNA solution in
a single Front End Module (FEM) for WiFi 802.11a/n/ac systems. The
ultra-small form factor and integrated matching greatly reduces the
number of external components and layout area in the customer
applications. This simplifies the total front end solution by reducing the
bill of materials, system footprint, and manufacturing cost. The
RFFM8550 integrates a Single Pole Two Throw (SP2T)
Transmit/Receive (T/R) Switch and a 5.0GHz Low Noise Amplifier (LNA)
with bypass mode. The device is provided in a 1.5mm x 1.5mm x
0.40mm 8-pin DFN package.
RX
LNAEN
ANT
2
3
4
5
6
7
8
N/C
VTX
VDD
TX
VRX
1
Functional Block Diagram
Ordering Information
RFFM8550SB
Standard 5-piece sample bag
RFFM8550SQ
Standard 25-piece sample bag
RFFM8550SR
Standard 100-piece reel
RFFM8550TR7
Standard 2500-piece reel
RFFM8550PCK-410
Fully assembled evaluation board w/ 5-piece bag
Package: DFN, 8-pin,
1.5mm x 1.5mm x 0.40mm
Features
■ SP2T T/R Switch
■ LNA with Bypass Mode
■ Input and Output Matched to 50Ω
■ Wide Voltage Supply Range
■ Supports WiFi chipsets with
Integrated Power Amplifier (iPA)
■ Low Profile Package for Module
Designs
Applications
■ Cellular Handsets
■ Mobile Devices
■ Tablets
■ Consumer Electronics
■ Gaming
■ Netbooks/Notebooks
■ TV/Monitors/Video
RFFM8550


Similar Part No. - RFFM8550

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8550 QORVO-RFFM8550 Datasheet
344Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
RFFM8550PCK-410 QORVO-RFFM8550PCK-410 Datasheet
344Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
RFFM8550SB QORVO-RFFM8550SB Datasheet
344Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
RFFM8550SQ QORVO-RFFM8550SQ Datasheet
344Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
RFFM8550SR QORVO-RFFM8550SR Datasheet
344Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
More results

Similar Description - RFFM8550

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8550 QORVO-RFFM8550 Datasheet
344Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com