Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFGA2012SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFGA2012SR
Description  InGaP HBT LOW POWER LINEAR AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2012SR Datasheet(HTML) 2 Page - RF Micro Devices

  RFGA2012SR Datasheet HTML 1Page - RF Micro Devices RFGA2012SR Datasheet HTML 2Page - RF Micro Devices RFGA2012SR Datasheet HTML 3Page - RF Micro Devices RFGA2012SR Datasheet HTML 4Page - RF Micro Devices RFGA2012SR Datasheet HTML 5Page - RF Micro Devices RFGA2012SR Datasheet HTML 6Page - RF Micro Devices RFGA2012SR Datasheet HTML 7Page - RF Micro Devices RFGA2012SR Datasheet HTML 8Page - RF Micro Devices RFGA2012SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RFGA2012
DS110215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Collector-to-Emitter Voltage (VCE )
5.5
V
DC Supply Current (Ic)
35
mA
CW Input Power, 2:1 Output VSWR, 5.0V
+20
dBm
CW Input Power, 2:1 Output VSWR, 5.5V
+15
dBm
Output Load VSWR at P3dB
5:1
dBm
Operating Temperature Range (TL)
-40 to +85
°C
Operating Junction Temperature (TJ)
150
°C
Max Storage Temperature
-40 to +150
°C
ESD Rating - Human Body Model (HBM)
Class 1C
Moisture Sensitivity Level
MSL 1
Notes:
1. The maximum ratings must all be met simultaneously.
2. PDISS=PDC+PRFIN-PRFOUT
3. TJ=TL+ PDISS*RTH
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
150MHz
VCC = 3.3V, ICQ = 23mA (includes IBIAS)
Frequency
130
150
270
MHz
Gain
25
dB
Input Return Loss
14
dB
Output Return Loss
14
dB
P1dB
12.5
dBm
OIP3
30
dBm
0dBm/tone, tone spacing = 1MHz
Noise Figure
3.8
dB
900MHz
VCC = 3.3V, ICQ = 23mA (includes IBIAS)
Frequency
869
915
960
MHz
Gain
19
dB
Input Return Loss
14
dB
Output Return Loss
14
dB
P1dB
14.5
dBm
OIP3
34.5
dBm
0dBm/tone, tone spacing = 1MHz
Noise Figure
2.7
dB
1960MHz
VCC = 3.3V, ICQ = 23mA (includes IBIAS)
Frequency
1800
1960
2200
MHz
Gain
14.5
dB
Input Return Loss
10
dB
Output Return Loss
14.5
dB
P1dB
13.5
dBm
OIP3
35
dBm
0dBm/tone, tone spacing = 1MHz
Noise Figure
1.6
dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com