Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFGA2012TR7 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFGA2012TR7
Description  InGaP HBT LOW POWER LINEAR AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2012TR7 Datasheet(HTML) 1 Page - RF Micro Devices

  RFGA2012TR7 Datasheet HTML 1Page - RF Micro Devices RFGA2012TR7 Datasheet HTML 2Page - RF Micro Devices RFGA2012TR7 Datasheet HTML 3Page - RF Micro Devices RFGA2012TR7 Datasheet HTML 4Page - RF Micro Devices RFGA2012TR7 Datasheet HTML 5Page - RF Micro Devices RFGA2012TR7 Datasheet HTML 6Page - RF Micro Devices RFGA2012TR7 Datasheet HTML 7Page - RF Micro Devices RFGA2012TR7 Datasheet HTML 8Page - RF Micro Devices RFGA2012TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
NC
VBIAS
NC
GND
RFIN 2
3
4
NC
RFOUT/VCC
GND
1
7
6
5
8
RFGA2012
InGaP HBT LOW POWER LINEAR AMPLIFIER
The RFGA2012 is specifically designed to achieve high OIP3 with minimal
DC power. Ultra-linear performance has been demonstated in standard
frequency bands within 150MHz to 3GHz. The RFGA2012 features a
VBIAS pin that allows users to optimize the quiescent current for specific
requirements. The VBIAS pin also serves as a power-down pin. The
RFGA2012 offers 1000V HBM ESD ruggedness and is manufactured
using RFMD's InGaP HBT process to minimize Beta process variation.
Features
High OIP3=35dBm at 1960MHz
Low DC Power: 3.3V, 23mA
Low NF = 1.6dB at 1960MHz
50MHz to 3000MHz Operation
Power Down Capability
Class 1C (1000V) HBM ESD
Rating
MSL 1 Rating
Common Platform Compatible
Applications
Low Power Linear Gain Stage
IF, Cellular, DCS, PCS, UMTS,
WLAN, WiMax, TD-SCDMA,
LTE Amplifiers
Low Power LNA
DS110215
Package: DFN, 8-Pin, 2mmx2mm
RFGA2012
InGaP HBT
Low Power Lin-
ear Amplifier
RFGA2012SR
7” Reel with 100 pieces
RFGA2012SQ
25-piece sample bag
RFGA2012TR7
7” Reel with 750 pieces
RFGA2012TR13
13” Reel with 2500 pieces
RFGA2012PCK-410
1800MHz to 2200MHz PCBA with 5-piece sample bag
RFGA2012PCK-411
2600MHz to 2700MHz PCBA with 5-piece sample bag


Similar Part No. - RFGA2012TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
50MHz-3000MHz, InGap HBT MMIC Amplifier
logo
RF Micro Devices
RFGA2044PCK-410 RFMD-RFGA2044PCK-410 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
logo
Qorvo, Inc
RFGA2044PCK-410 QORVO-RFGA2044PCK-410 Datasheet
1Mb / 11P
50MHz-3000MHz, InGap HBT MMIC Amplifier
logo
RF Micro Devices
RFGA2044SQ RFMD-RFGA2044SQ Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
More results

Similar Description - RFGA2012TR7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
2.4-2.5 GHz InGaP HBT Linear Power Amplifier
RMPA5251 FAIRCHILD-RMPA5251 Datasheet
499Kb / 10P
4.90-5.85 GHz InGaP HBT Linear Power Amplifier
RMPA2456 FAIRCHILD-RMPA2456 Datasheet
935Kb / 8P
2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2458 FAIRCHILD-RMPA2458 Datasheet
944Kb / 8P
2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA2458_059 FAIRCHILD-RMPA2458_059 Datasheet
955Kb / 9P
2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
logo
Mimix Broadband
CHV2710-QJ_0610 MIMIX-CHV2710-QJ_0610 Datasheet
375Kb / 7P
2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2711-QJ MIMIX-CHV2711-QJ Datasheet
365Kb / 6P
3.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com