Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFGA2044 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFGA2044
Description  InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2044 Datasheet(HTML) 3 Page - RF Micro Devices

  RFGA2044 Datasheet HTML 1Page - RF Micro Devices RFGA2044 Datasheet HTML 2Page - RF Micro Devices RFGA2044 Datasheet HTML 3Page - RF Micro Devices RFGA2044 Datasheet HTML 4Page - RF Micro Devices RFGA2044 Datasheet HTML 5Page - RF Micro Devices RFGA2044 Datasheet HTML 6Page - RF Micro Devices RFGA2044 Datasheet HTML 7Page - RF Micro Devices RFGA2044 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RFGA2044
Prelim DS111213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance: 500MHz to 3000MHz Application Circuit
(Linear Operation, R2 = 0pen)
-30
-25
-20
-15
-10
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Input Return Loss versus Frequency
-40°C
25°C
85°C
9
10
11
12
13
14
15
16
17
18
19
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Gain versus Frequency
-40°C
25°C
85°C
-40
-35
-30
-25
-20
-15
-10
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Isolation versus Frequency
-40°C
25°C
85°C
-30
-25
-20
-15
-10
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Output Return Loss versus Frequency
-40°C
25°C
85°C
26
28
30
32
34
36
38
40
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Output IP3 versus Frequency
25°C
-40°C
85°C
15
16
17
18
19
20
21
22
23
24
25
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
P1dB versus Frequency
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com