Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2002 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFPA2002
Description  Integrated Power Amplifier 1750MHz to 2200MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2002 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFPA2002 Datasheet HTML 4Page - RF Micro Devices RFPA2002 Datasheet HTML 5Page - RF Micro Devices RFPA2002 Datasheet HTML 6Page - RF Micro Devices RFPA2002 Datasheet HTML 7Page - RF Micro Devices RFPA2002 Datasheet HTML 8Page - RF Micro Devices RFPA2002 Datasheet HTML 9Page - RF Micro Devices RFPA2002 Datasheet HTML 10Page - RF Micro Devices RFPA2002 Datasheet HTML 11Page - RF Micro Devices RFPA2002 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150209
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 12
RFPA2002
Evaluation Board Bill of Materials (BOM) 1750MHz to 2200MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
DUT
U1
RFMD, Inc.
RFPA2002
CAP, 22µF, 10%, 10V, TANT-A
C4
AVX Corporation
TAJA226K010RNJ
CAP, 4.7µF, 10%, 6.3V, X5R, 0805
C5-C6
Taiyo Yuden (USA), Inc.
CE MJK212 BJ475KD-T
CAP, 1000pF, 10%, 50V, X7R, 0402
C7, C9
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
CAP, 10000pF, 10%, 25V, X7R, 0402
C8
Taiyo Yuden (USA), Inc.
RM TMK105BJ103KV-F
CONN, SMA, EL MINI FLT 0.048”
SPE-000311
J1-J4
Amphenol RF Asia Corp.
901-10362
CONN, HDR, ST, PLRZD, 9-PIN
P1
ITW Pancon
MPSS100-9-C
Do Not Place
C1-C3, C10-C12, R1-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com