Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2016SQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2016SQ
Description  3-Stage Power Amplifier, 1W 700MHz to 2700MHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2016SQ Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2016SQ Datasheet HTML 1Page - RF Micro Devices RFPA2016SQ Datasheet HTML 2Page - RF Micro Devices RFPA2016SQ Datasheet HTML 3Page - RF Micro Devices RFPA2016SQ Datasheet HTML 4Page - RF Micro Devices RFPA2016SQ Datasheet HTML 5Page - RF Micro Devices RFPA2016SQ Datasheet HTML 6Page - RF Micro Devices RFPA2016SQ Datasheet HTML 7Page - RF Micro Devices RFPA2016SQ Datasheet HTML 8Page - RF Micro Devices RFPA2016SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140317
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 25
RFPA2016
Parameter
Specification
Unit
Condition
Min
Typ
Max
Output Return Loss
12
dB
Noise Figure
3.4
dB
2.11GHz to 2.17GHz
VCC = 5.0V, Temp = 25°C, Optimized for -45dBc ACPR
at rated power
Frequency
2.14
GHz
Input Power
0
dBm
Max recommended continuous input power, VCC = 5.0V, Load VSWR = 2:1
Gain
32
36
40
dB
ACPR
-48
-43
dBc
RF output power = 21dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
P1dB
31.4
dBm
Output IP3
41
dBm
18dBm per tone, 1MHz spacing, optimized for best ACPR
Detector Output Voltage
0.8
V
CW RF output power = 21dBm with 0.2pF coupling capacitor
Input Return Loss
20
dB
Output Return Loss
14
dB
Noise Figure
5.3
dB
2.62GHz to 2.69GHz
VCC = 5.0V, Temp = 25°C, Optimized for -45dBc ACPR
at rated power
Frequency
2.65
GHz
Input Power
0
dBm
Max recommended continuous input power, VCC = 5.0V, Load VSWR = 2:1
Gain
34
dB
ACPR
-47
dBc
RF output power = 21dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
P1dB
31
dBm
Output IP3
40.5
dBm
18dBm per tone, 1MHz spacing, optimized for best ACPR
Detector Output Voltage
0.9
V
CW RF output power = 21dBm with 0.2pF coupling capacitor
Input Return Loss
20
dB
Output Return Loss
11
dB
Noise Figure
5.3
dB
Power Supply
VCC = 5.0V, 2140MHz bias conditions
Amp1 Quiescent Current
30
40
50
mA
At VCC1 = VBIAS = 5V, VPC_EN = 1.8V, off for 750MHz band
Amp2 Quiescent Current
55
75
90
mA
At VCC2 = VBIAS = 5V, VPC_EN = 1.8V
Amp3 Quiescent Current
155
190
240
mA
At VCC3 = VBIAS = 5V, VPC_EN = 1.8V
VBIAS
4.75
5
5.25
V
VBIAS = VCC under normal operating conditions
Enable Voltage High (VPC_EN)
1.6
2.5
5.25
V
Normal operation
Enable Voltage Low (VPC_EN)
0
0.8
V
Module shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com