Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 6.39GHz Integer-N Synthesizer with Integrated VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6946_15 Datasheet HTML 17Page - Linear Technology LTC6946_15 Datasheet HTML 18Page - Linear Technology LTC6946_15 Datasheet HTML 19Page - Linear Technology LTC6946_15 Datasheet HTML 20Page - Linear Technology LTC6946_15 Datasheet HTML 21Page - Linear Technology LTC6946_15 Datasheet HTML 22Page - Linear Technology LTC6946_15 Datasheet HTML 23Page - Linear Technology LTC6946_15 Datasheet HTML 24Page - Linear Technology LTC6946_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC6946
21
6946fb
For more information www.linear.com/LTC6946
operaTion
Addr0 + Rd
DON’T CARE
Hi-Z
Hi-Z
MASTER–CS
MASTER–SDI
LTC6946–SDO
6946 F13
Byte 0
Byte 1
Byte 2
Figure 13. Serial Port Auto-Increment Read
beginning with data from register Addr0. The part ignores
all other data on SDI until the end of the burst.
Multidrop Configuration
Several LTC6946s may share the serial bus. In this mul-
tidrop configuration, SCLK, SDI, and SDO are common
betweenallparts.Theserialbusmastermustuseaseparate
CS for each LTC6946 and ensure that only one device has
CS asserted at any time. It is recommended to attach a
high value resistor to SDO to ensure the line returns to a
known level during Hi-Z states.
Serial Port Registers
ThememorymapoftheLTC6946maybefoundinTable 11,
withdetailedbitdescriptionsfoundinTable12.Theregister
address shown in hexadecimal format under the ADDR
column is used to specify each register. Each register is
denoted as either read-only (R) or read-write (R/W). The
register’s default value on device power-up or after a reset
is shown at the right.
The read-only register at address h00 is used to determine
different status flags. These flags may be instantly output
on the STAT pin by configuring register h01. See the STAT
Output section for more information.
The read-only register at address h0B is a ROM byte for
device identification.
Table 11. Serial Port Register Contents
ADDR
MSB
[6]
[5]
[4]
[3]
[2]
[1]
LSB
R/W
DEFAULT
h00
*
*
UNLOCK
ALCHI
ALCLO
LOCK
THI
TLO
R
h01
*
*
x[5]
x[4]
x[3]
x[2]
x[1]
x[0]
R/W
h04
h02
PDALL
PDPLL
PDVCO
PDOUT
PDREFO
MTCAL
OMUTE
POR
R/W
h0E
h03
BD[3]
BD[2]
BD[1]
BD[0]
*
*
RD[9]
RD[8]
R/W
h30
h04
RD[7]
RD[6]
RD[5]
RD[4]
RD[3]
RD[2]
RD[1]
RD[0]
R/W
h01
h05
ND[15]
ND[14]
ND[13]
ND[12]
ND[11]
ND[10]
ND[9]
ND[8]
R/W
h00
h06
ND[7]
ND[6]
ND[5]
ND[4]
ND[3]
ND[2]
ND[1]
ND[0]
R/W
hFA
h07
ALCEN
ALCMON
ALCCAL
ALCULOK
*
*
CAL
LKEN
R/W
h21
h08
BST
FILT[1]
FILT[0]
RFO[1]
RFO[0]
OD[2]
OD[1]
OD[0]
R/W
hF9
h09
LKWIN[1]
LKWIN[0]
LKCT[1]
LKCT[0]
CP[3]
CP[2]
CP[1]
CP[0]
R/W
h9B
h0A
CPCHI
CPCLO
CPMID
CPINV
CPWIDE
CPRST
CPUP
CPDN
R/W
hE4
h0B
REV[2]
REV[1]
REV[0]
PART[4]
PART[3]
PART[2]
PART[1]
PART[0]
R
hxx†
*unused †varies depending on version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com