Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2224 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA2224
Description  Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2224 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA2224 Datasheet HTML 1Page - RF Micro Devices RFPA2224 Datasheet HTML 2Page - RF Micro Devices RFPA2224 Datasheet HTML 3Page - RF Micro Devices RFPA2224 Datasheet HTML 4Page - RF Micro Devices RFPA2224 Datasheet HTML 5Page - RF Micro Devices RFPA2224 Datasheet HTML 6Page - RF Micro Devices RFPA2224 Datasheet HTML 7Page - RF Micro Devices RFPA2224 Datasheet HTML 8Page - RF Micro Devices RFPA2224 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1 of 19
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
RFIN
NC
NC
NC
NC
RFIN
VREG
2
3
4
5
6
NC
VBIAS
12
11
10
9
8
7
RFOUT/VCC
RFOUT/VCC
1
VDET
RFPA2224
Single-Stage Power Amplifier
1W, 700MHz to 2700MHz
The RFPA2224 is a single-stage InGaP HBT power amplifier. It exhibits excellent
back-off characteristics making it ideal for ultra-linear driver amplifier applications.
The RFPA2224 can also be optimized for use as a small-cell PA output stage. Exter-
nal matching and bias control allows the RFPA2224 to be used across various radio
platforms within 700MHz to 2700MHz. The PA2224 offers a robust Class 1C
(>1000V) HBM ESD rating in a compact 4mm x 5mm DFN package.
Features
WCDMA Power at 2140MHz =
17dBm with -60dBc ACPR
Gain = 14dB at 2140MHz
P1dB = 30dBm at 2140MHz
Externally Matched
Power-down Capability
Class 1C HBM ESD Rating
On-chip Input Power Detector
Applications
2G, 3G, and 4G Air Interfaces
Driver Amplifier for Commercial
Wireless Infrastructure
Picocell, Femtocell Power
Amplifier
WCDMA, LTE, TD-SCDMA, GSM
DS121121
Package: DFN, 12-Pin, 4mm x 5mm
RFPA2224
RFPA2224SR
7” Reel with 100 pieces
RFPA2224SQ
Sample bag with 25 pieces
RFPA2224TR13
13” Reel with 2500 pieces
RFPA2224PCK-410 728MHz to 768MHz PCBA with 5-piece sample bag
RFPA2224PCK-411 2110MHz to 2170MHz PCBA with 5-piece sample bag
RFPA2224PCK-412 2580MHz to 2690MHz PCBA with 5-piece sample bag


Similar Part No. - RFPA2224

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226-EVB1 RFMD-RFPA2226-EVB1 Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226-EVB2 RFMD-RFPA2226-EVB2 Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226SQ RFMD-RFPA2226SQ Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226SR RFMD-RFPA2226SR Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
More results

Similar Description - RFPA2224

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
Integrated Power Amplifier 700MHz to 950MHz
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
700MHz to 2.7GHz 5V 1W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com