Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M76 Datasheet(PDF) 1 Page - Tyco Electronics

Part # M76
Description  DOUBLE-BALANCED MIXER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M76 Datasheet(HTML) 1 Page - Tyco Electronics

  M76 Datasheet HTML 1Page - Tyco Electronics M76 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Guaranteed
Characteristics
Typical
+25
°°°°C
-54
°°°° to +85°°°°C
SSB Conversion Loss & SSB Noise Figure (max.)
fR =
fR =
fR =
fR =
fL =
fL =
fL =
fL =
fI =
fI =
fI =
fI =
Isolation (min.)
L to R
fL =
fL =
fL =
L to I
fL =
fL =
fL =
R to I
fR =
fR =
1 dB Conversion Compression
fL @
fL @
Input IP3
fR1 =
fL =
fR1 =
fL =
fR1 =
fL =
fR2 =
fR2 =
fR2 =
Absolute Maximum Ratings
Outline Drawing(s)
Operating Temperature
Package
Figure
Model
Storage Temperature
Peak Input Power
Peak Input Current
· LO 2.5 TO 11.5 GHz
· RF 4.5 TO 9.5 GHz
· IF DC TO 2.0 GHz
· LO DRIVE +10 dBm (nominal)
· LOW NOISE FIGURE: 5.5 dB (TYP.)
M76/M76C
DOUBLE-BALANCED MIXER
Specifications (Rev. Date: 1/02)*
Measured in a 50-ohm system with nominal LO drive and downconverter application only, unless otherwise specified. Subject to change without notice.
DF
100 mA DC
23 dBm max. @ +25°, 20°C
-65°C to 100°C
-54°C to 100°C
M76
6 to 8 GHz,
4 to 9 GHz,
0.03 to 2 GHz
5 to 9 GHz,
4.5 to 9.5 GHz,
4 to 9 GHz,
2.5 to 11.5 GHz,
0.03 to 1 GHz
0.03 to 2 GHz
5.5 dB
7 dB
7 dB
8 dB
7.5 dB
7.5 dB
8.5 dB
2.5 to 9 GHz
40 dB
30 dB
25 dB
20 dB
25 dB
20 dB
15 dB
10 dB
23 dB
18 dB
13 dB
8 dB
+10 dBm
+3 dBm
7 GHz @ -6 dBm
+13 dBm
7.01 GHz @ -6 dBm
8 GHz @ 10 dBm
5.5 dB
6 dB
DE
M76C
9 to 11.5 GHz
4 to 11.5 GHz
2.5 to 4 GHz
MPAC
SMA


Similar Part No. - M76

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M76 MA-COM-M76 Datasheet
1Mb / 3P
Double-Balanced Mixer
M76 MA-COM-M76 Datasheet
1Mb / 3P
Double-Balanced Mixer
logo
List of Unclassifed Man...
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
M7610A ETC1-M7610A Datasheet
191Kb / 10P
CMOS LSI designed for automatic PIR lamp control.
More results

Similar Description - M76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com