Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4607
Description  36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4607_15 Datasheet HTML 17Page - Linear Technology LTM4607_15 Datasheet HTML 18Page - Linear Technology LTM4607_15 Datasheet HTML 19Page - Linear Technology LTM4607_15 Datasheet HTML 20Page - Linear Technology LTM4607_15 Datasheet HTML 21Page - Linear Technology LTM4607_15 Datasheet HTML 22Page - Linear Technology LTM4607_15 Datasheet HTML 23Page - Linear Technology LTM4607_15 Datasheet HTML 24Page - Linear Technology LTM4607_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTM4607
21
4607fc
For more information www.linear.com/LTM4607
Typical applicaTions
VOUT
PGOOD
FCB
RUN
SW1
COMP
SW2
INTVCC
RSENSE
EXTVCC
SENSE–
STBYMD
PLLFLTR
SS
VFB
SGND
PLLIN
LTM4607
R2
9m
L1
4.7µH
RFB
7.15k
R1
1.5k
R3
1k
100µF
25V
4607 TA02
VOUT
12V
10A
VIN
PGND
VIN
12V TO 36V
C3
0.1µF
10µF
50V
×2
+
ON/OFF
SENSE+
Figure 16. Buck Mode Operation with 12V to 36V Input
VOUT
PGOOD
FCB
RUN
SW1
SW2
EXTVCC
STBYMD
SS
VFB
SGND
PLLIN
LTM4607
L1
3.3µH
RFB
7.15k
22µF
25V
×2
330µF
25V
4607 TA03
VOUT
12V
5A
VIN
PGND
VIN
5V TO 12V
C3
0.1µF
4.7µF
35V
+
ON/OFF
COMP
INTVCC
RSENSE
SENSE–
PLLFLTR
R2
7m
SENSE+
2
2200pF
OPTIONAL
FOR LOW
SWITCHING NOISE
R1
1.5k
R3
1k
Figure 17. Boost Mode Operation with 5V to 12V Input with Low Switching Noise (Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com