Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA5201ESB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPA5201ESB
Description  WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5201ESB Datasheet(HTML) 4 Page - RF Micro Devices

  RFPA5201ESB Datasheet HTML 1Page - RF Micro Devices RFPA5201ESB Datasheet HTML 2Page - RF Micro Devices RFPA5201ESB Datasheet HTML 3Page - RF Micro Devices RFPA5201ESB Datasheet HTML 4Page - RF Micro Devices RFPA5201ESB Datasheet HTML 5Page - RF Micro Devices RFPA5201ESB Datasheet HTML 6Page - RF Micro Devices RFPA5201ESB Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140331
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 7
RFPA5201E
Evaluation Board Schematic
1
2
3
4
5
6
7
VREG
PA_EN
GND
GND
VCC
HDR_1X7
P1
J1
RFIN
PA_EN
C3
330pF
VREG
PDET
PDET
J2
RFOUT
VCC
C1
10uF
1
4
9
10
12
5
6
11
PA_EN
RF_In
GND
PA_EN
VCC3
RF_Out
GND
GND
2
13
GND
GND
3
7
14
8
VCC
VREG
VCC3
PDet
C4
1uF
C2
1uF
R1
20 ΚΩ
VCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com