Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M85 Datasheet(PDF) 1 Page - Tyco Electronics

Part # M85
Description  DOUBLE-BALANCED MIXER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M85 Datasheet(HTML) 1 Page - Tyco Electronics

  M85 Datasheet HTML 1Page - Tyco Electronics M85 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Guaranteed
Characteristics
Typical
+25
°°°°C
-54
°°°° to +85°°°°C
SSB Conversion Loss & SSB Noise Figure (max.)
fR =
fR =
fR =
fR =
fL =
fL =
fL =
fL =
fI =
fI =
fI =
fI =
Isolation (min.)
L to R
fL =
fL =
fL =
L to I
fL =
fL =
fL =
R to I
fR =
fR =
1 dB Conversion Compression
fL @
fL @
Input IP3
fR1 =
fL =
fR1 =
fL =
fR1 =
fL =
fR2 =
fR2 =
fR2 =
Absolute Maximum Ratings
Outline Drawing(s)
Operating Temperature
Package
Figure
Model
Storage Temperature
Peak Input Power
Peak Input Current
· LO 2 TO 18 GHz
RF 2 TO 18 GHz
· IF 0 TO 1000 MHz
· LO DRIVE +7 dBm (nominal)
· DC COUPLED I-PORT
· WIDE BANDWIDTH
M85/M85C
DOUBLE-BALANCED MIXER
Specifications (Rev. Date: 1/02)*
Measured in a 50-ohm system with nominal LO drive and downconverter application only, unless otherwise specified. Subject to change without notice.
DD
100 mA DC
23 dBm max. @ +25°, 20°C
-65°C to 100°C
-54°C to 100°C
M85
4 to 14 GHz,
3 to 15 GHz,
0 to 1 GHz
22 to 3 GHz,
3 to 18 GHz,
2 to 3 GHz,
3 to 18 GHz,
0 to 1 GHz
0 to 1 GHz
7 dB
9 dB
11 dB
10.5 dB
9.5 dB
11.5 dB
11 dB
2 to 18 GHz
35 dB
20 dB
20 dB
22 dB
15 dB
20 dB
13 dB
+7 dBm
+1 dBm
5 GHz @ -10 dBm
15 GHz @ -10 dBm
+10 dBm
+10 dBm
5.01 GHz @ -10 dBm
15.01 GHz @ -10 dBm
5.5 GHz @ 7 dBm
14.5 GHz @ 7 dBm
10 dB
8.5 dB
DC
M85C
2 to 18 GHz
2 to 18 GHz
MPAC
SMA


Similar Part No. - M85

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M85 MACOM-M85 Datasheet
467Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M85 MA-COM-M85 Datasheet
1Mb / 3P
Double-Balanced Mixer
M85 MA-COM-M85 Datasheet
1Mb / 3P
Double-Balanced Mixer
M85 MA-COM-M85 Datasheet
672Kb / 4P
Double-Balanced Mixer
logo
ML Accessories Limited....
M8500 KNIGHTSBRIDGE-M8500 Datasheet
250Kb / 1P
Metal Clad 1G Blanking Plate
11/04/2024
More results

Similar Description - M85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com