Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD2930 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPD2930
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD2930 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPD2930 Datasheet HTML 1Page - RF Micro Devices RFPD2930 Datasheet HTML 2Page - RF Micro Devices RFPD2930 Datasheet HTML 3Page - RF Micro Devices RFPD2930 Datasheet HTML 4Page - RF Micro Devices RFPD2930 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140226
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 5
RFPD2930
Change of Distortion Performance Over Current
Test Condition: V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω; 79 ch. 7dB tilted; VO = 50dBmV at 550MHz, plus 75
digital channels (-6dB offset)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com